Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLS110-9602J Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLS110-9602J
Description  80-110 W AC/DC Universal Input Switch Mode Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLS110-9602J Datasheet(HTML) 2 Page - Artesyn Technologies

  NLS110-9602J Datasheet HTML 1Page - Artesyn Technologies NLS110-9602J Datasheet HTML 2Page - Artesyn Technologies NLS110-9602J Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Convection cooled, 80 W maximum.
2
Peak outputs lasting less than 60 seconds with duty cycle less than 10%.
Total peak power must not exceed 110 W.
3
Forced air, 20 CFM at 1 atmosphere, 110 W maximum.
4
Amplitude is peak-to-peak. Output ripple is measured across a 20 MHz
bandwidth using a 12 inch twisted pair terminated with a 10 µF capacitor.
5
Total regulation is defined as the static output regulation at 25 °C, including
initial tolerance, line voltage within stated limits and output voltages
adjusted to their factory settings.
6
Derating curve is application specific for ambient temperatures >50 °C.
7
Three orthogonal axes, random vibration, 10 minute test for each axis.
8
For optimum reliability no part of the heatsink should exceed 100 ºC and
no semiconductor case temperature should exceed 115 ºC.
9
Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
10 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
11 The EMI specifications reference measurements made with the power
supply mounted on a grounded metal sheet extending 1 inch beyond each
edge, using an unshielded cable. No external filtering is required during
conducted emissions testing but some applications may require additional
filtering to achieve system compliance. A line choke, (ac input cords looped
twice through an EMI suppression toroid) was used during radiated
emissions testing. Considerable radiated testing in 1U six-sided boxes has
shown that units can meet level B in typical systems. Application support
is available from the factory to assist with EMI compliance.
12 Requires a minimum mounting stand-off of 6.35 mm (0.25 inches) in the
end use product.
13 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
14 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
TRANSIENT RESPONSE
NLS110-9602J
+5.1 V (7.5 A to 1 0A)
150 mV peak,
1 ms recovery
+24 V (1.5 A to 3 A)
300 mV peak,
1 ms recovery
+12 V (2.5 A to 5 A)
100 mV peak,
0.5 ms recovery
-12 V (0.5 A to 1 A)
100 mV peak,
0.5 ms recovery
NLS110-9602J
Quad output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
80-110 W AC/DC Universal Input Switch Mode Power Supplies
2
File Name: nls110.pdf Rev (02): 08 Nov 2005
OUTPUT
OUTPUT CURRENTS
RIPPLE (4)
TOTAL
MODEL NUMBERS (12,13,14)
VOLTAGE
MAX (1)
PEAK (2)
FAN (3)
REGULATION (5)
+5.1 V
8 A
20 A
10 A
50 mV
±2.0%
NLS110-9602J
+24 V
3.5 A
4.5 A
4.5 A
240 mV
±5.0%
+12 V
4.5 A
9 A
5 A
120 mV
±3.0%
–12 V
0.5 A
1.5 A
1 A
120 mV
±3.0%
Power fail detect signal
50 ms≤T1≤200 ms
T2 will vary with line and load
T3≥3 ms
Pout: 110 W
PFD output is an open collector
which will sink ≤40 mA in the low
state.
HIGH
T1
T2
T3
4.75V
3.5V MIN
0-0.4 MAX
LOW
4.75V
5V OUTPUT
PFD SIGNAL
AC INPUT
OPTIONAL POWER FAIL DETECT TIMING DIAGRAM
DERATING CURVE
Output Power (Watts)
0
°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C
40W
80W
110W
150 LFM FORCED
AIR COOLING
55W
NATURAL
CONVECTION
COOLING
OUTPUT PIN CONNECTIONS
J2
FUNCTION
Pin 1
+5.1 V
Pin 2
+5.1 V
Pin 3
Return
Pin 4
Return
Pin 5
Return
Pin 6
Return
Pin 7
+12 V
Pin 8
+12 V
Pin 9
+24 V
Pin 10
PFD
Pin 11
-12 V Return
Pin 12
-12 V
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Neutral
Pin 2
No Connection
Pin 3
AC Line
J4
Pin 1
Safety Earth


Similar Part No. - NLS110-9602J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
   80-110 W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NLS110-9602J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
   80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
   80-110 W AC-DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
   110-150 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NFS110 ARTESYN-NFS110 Datasheet
62Kb / 3P
   80-110W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
   33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
   50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP70 EMERSON-NETWORKPOWER-NLP70 Datasheet
89Kb / 3P
   70 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP250 ARTESYN-NLP250 Datasheet
424Kb / 3P
   250 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP25 EMERSON-NETWORKPOWER-NLP25 Datasheet
88Kb / 3P
   20-25 W AC/DC Universal Input Switch Mode Power Supplies
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
   40-50 W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com