Selected language     English  ā–¼


NXI150 Datasheet(PDF) 2 Page - Artesyn Technologies

Part No. NXI150
Description  81 A DC-DC Non-Isolated Converters
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ARTESYN [Artesyn Technologies]
Homepage  
Logo 

   
 2 page
background image
NXI150 Series
Single output
Filename: NXI150.PDF Rev (03): 20 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
81 A DC-DC Non-Isolated Converters
2
NEW Product
TABLE 1: PIN CONNECTIONS
PIN NO. FUNCTION
PIN NO. FUNCTION
1
Vin+
62
Vin-
2
Vin+
61
Vin-
3
Vin+
60
Vin-
4
Vin+
59
Vin-
5
Reserved
58
VRM-pres
6
Key
57
VID4
7
VID3
56
VID2
8
VID1
55
VID0
9
Reserved
54
Ishare
10
PWRGD
53
OUTEN
11
Vo sen-
52
Vo sen+
12
Reserved
51
Reserved
13
Vo-
50
Vo+
14
Vo+
49
Vo+
15
Vo-
48
Vo-
16
Vo+
47
Vo+
17
Vo-
46
Vo-
18
Vo+
45
Vo+
19
Vo-
44
Vo-
20
Vo+
43
Vo+
21
Vo-
42
Vo-
22
Vo+
41
Vo+
23
Vo-
40
Vo-
24
Vo+
39
Vo+
25
Vo-
38
Vo-
26
Vo+
37
Vo+
27
Vo-
36
Vo-
28
Vo+
35
Vo+
29
Vo-
34
Vo-
30
Vo+
33
Vo+
31
Vo-
32
Vo-
TABLE 2: VOLTAGE IDENTIFICATION (VID) CODES
VID4
VID3
VID2
VID1
VID0
VDAC
11
1
1
1
Off
1
1
1
1
0
1.100
1
1
1
0
1
1.125
1
1
1
0
0
1.150
1
1
0
1
1
1.175
1
1
0
1
0
1.200
1
1
0
0
1
1.225
1
1
0
0
0
1.250
1
0
1
1
1
1.275
1
0
1
1
0
1.300
1
0
1
0
1
1.325
1
0
1
0
0
1.350
1
0
0
1
1
1.375
1
0
0
1
0
1.400
1
0
0
0
1
1.425
1
0
0
0
0
1.450
0
1
1
1
1
1.475
0
1
1
1
0
1.500
0
1
1
0
1
1.525
0
1
1
0
0
1.550
0
1
0
1
1
1.575
0
1
0
1
0
1.600
0
1
0
0
1
1.625
0
1
0
0
0
1.650
0
0
1
1
1
1.675
0
0
1
1
0
1.700
0
0
1
0
1
1.725
0
0
1
0
0
1.750
0
0
0
1
1
1.775
0
0
0
1
0
1.800
0
0
0
0
1
1.825
0
0
0
0
0
1.850
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
VOLTAGE
VOLTAGE
OVP
CURRENT
CURRENT
(TYP.)
LOAD
NUMBER
(9,10)
(MIN)
(MAX.)
12 Vdc
1.10-1.85 Vdc
120% of
0 A
81 A
85%
0.95 mV/A
NXI150-12P1V8CY
VID setting




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PTH05060DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
SIL40C24.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated 1 2 3 4 Artesyn Technologies
PTH05050DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
NXI10081 A Non-Isolated DC-DC Converters 1 2 3 Artesyn Technologies
SMT06CDC-DC CONVERTERS C Class Non-isolated 1 2 3 Artesyn Technologies
PTH05030DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
SMT12FDC-DC CONVERTERS F Class Non-isolated 1 2 3 4 Artesyn Technologies
PTH05020DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
PTH03010DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
SMT15CDC-DC CONVERTERS C Class Non-isolated 1 2 3 Artesyn Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl