Electronic Components Datasheet Search
Selected language     English  ▼


NXI150 Datasheet(PDF) 3 Page - Artesyn Technologies

Part No. NXI150
Description  81 A DC-DC Non-Isolated Converters
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ARTESYN [Artesyn Technologies]
Homepage  
Logo 

   
 3 page
background image
NXI150 Series
Single output
0.250 (6.35) Max
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Place
±0.02
3 Place
±0.010
0.255 (6.48) Max
0.063
±0.007 THICK
FR-4 2-Sided CKT BD
W/Gold Plated 30
µ"
Connector Fingers
1
62
32
31
0.093 (2.36)
0.042 (1.07)
0.307 (7.80)
32
62
3.800 (96.52)
0.700 (17.78)
3.186 (80.92)
30 EQ Spaces @ 0.100 (2.54)
each Equals 3.000 (76.20)
TOL Non-Accum
1.243
(31.57)
CL
0.936 (23.77)
Filename: NXI150.PDF Rev (03): 20 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
81 A DC-DC Non-Isolated Converters
3
NEW Product
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
Please consult your local application support for:
 Application Note  Longform Datasheet
www.artesyn.com
N
No
otte
es
s
1
Recommended output capacitance, 8 x 560 µF/4 V OSCON and 10 x
4.7 µF/6.3 V MLCC.
2
15 mV pk-pk ripple. Vin = 12 V, Vout = 1.5 V, Iout = 65 A.
3
125 mV peak deviation when slewing load from no load to full load at 50
A/µs. Recommended capacitors (per Note 1) required across output.
4
Each phase operates at a fixed 250 kHz. Effective fundamental output
frequency is 1 MHz / 4 phases each at 250 kHz interleaved.
5
Recommended mating connector is AMP 1489162-1 or equivalent.
6
From 5 Hz to 20 Hz, maintaining 0.02 G2/Hz from 20 Hz to 500 Hz, all
axes.
7
When included in the users system ESD event shall cause no out-of-
regulation conditions.
N
No
otte
es
s C
Co
on
nd
d
8
Please consult your local application support for: Longform Datasheet
and Application Note for the de-rating curves
.
9
The ‘Y’ suffix indicates that these parts are TSE RoHS 5/6 (non Pb-free)
compliant.
10 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
(11,12)
Figure 1: Mechanical Drawing




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PTH05060DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
SIL40C24.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated 1 2 3 4 Artesyn Technologies
PTH05050DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
NXI10081 A Non-Isolated DC-DC Converters 1 2 3 Artesyn Technologies
SMT06CDC-DC CONVERTERS C Class Non-isolated 1 2 3 Artesyn Technologies
PTH05030DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
SMT12FDC-DC CONVERTERS F Class Non-isolated 1 2 3 4 Artesyn Technologies
PTH05020DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
PTH03010DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
SMT15CDC-DC CONVERTERS C Class Non-isolated 1 2 3 Artesyn Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl