Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP-40-60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP-40-60
Description  For Low Power and Critical Height Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP-40-60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP-40-60 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VA
Secondary RMS Rating
Part No.
(Size)
Series
Parallel
LP-10-250
2
10VCT @ 250mA
5V @ 500mA
LP-10-600
6
10VCT @ 600mA
5V @ 1.2A
LP-10-1200
12
10VCT @ 1200mA
5V @ 2.4A
LP-10-2400
24
10VCT @ 2.40A
5V @ 4.80A
LP-10-4800
48
10VCT @ 4.80A
5V @ 9.60A
LP-12-200
2
12.6VCT @ 200mA
6.3V @ 400mA
LP-12-450
6
12.6VCT @ 450mA
6.3V @ 900mA
LP-12-900
12
12.6VCT @ 900mA
6.3V @ 1.8A
LP-12-1900
24
12.6VCT @ 1.90A
6.3V @ 3.80A
LP-12-3800
48
12.6VCT @ 3.80A
6.3V @ 7.60A
LP-16-150
2
16VCT @ 150mA
8V @ 300mA
LP-16-350
6
16VCT @ 350mA
8V @ 700mA
LP-16-700
12
16VCT @ 700mA
8V @ 1.4A
LP-16-1500
24
16VCT @ 1.50A
8V @ 3.00A
LP-16-3000
48
16VCT @ 3.00A
8V @ 6.00A
LP-20-125
2
20VCT @ 125mA
10V @ 250mA
LP-20-300
6
20VCT @ 300mA
10V @ 600mA
LP-20-600
12
20VCT @ 600mA
10V @ 1.2A
LP-20-1200
24
20VCT @ 1.20A
10V @ 2.40A
LP-20-2400
48
20VCT @ 2.40A
10V @ 4.80A
LP-24-100
2
24VCT @ 100mA
12V @ 200mA
LP-24-250
6
24VCT @ 250mA
12V @ 500mA
LP-24-500
12
24VCT @ 500mA
12V @ 1A
LP-24-1000
24
24VCT @ 1.00A
12V @ 2.00A
LP-24-2000
48
24VCT @ 2.00A
12V @ 4.00A
LP-30-85
2
30VCT @ 85mA
15V @ 170mA
LP-30-200
6
30VCT @ 200mA
15V @ 400mA
LP-30-400
12
30VCT @ 400mA
15V @ 800mA
LP-30-800
24
30VCT @ 800mA
15V @ 1.60A
LP-30-1600
48
30VCT @ 1.60A
15V @ 3.20A
LP-34-75
2
34VCT @ 75mA
17V @ 150mA
LP-34-170
6
34VCT @ 170mA
17V @ 340mA
LP-34-340
12
34VCT @ 340mA
17V @ 680mA
LP-34-700
24
34VCT @ 700mA
17V @ 1.40A
LP-34-1400
48
34VCT @ 1.40A
17V @ 2.80A
LP-40-60
2
40VCT @ 60mA
20V @ 120mA
LP-40-150
6
40VCT @ 150mA
20V @ 300mA
LP-40-300
12
40VCT @ 300mA
20V @ 600mA
LP-40-600
24
40VCT @ 600mA
20V @ 1.20A
LP-40-1200
48
40VCT @ 1.20A
20V @ 2.40A
LP-56-45
2
56VCT @ 45mA
28V @ 90mA
LP-56-100
6
56VCT @ 100mA
28V @ 200mA
LP-56-200
12
56VCT @ 200mA
28V @ 400mA
LP-56-425
24
56VCT @ 425mA
28V @ 850mA
LP-56-850
48
56VCT @ 850mA
28V @ 1.70A
LP-88-28
2
88VCT @ 28mA
44V @ 56mA
LP-88-65
6
88VCT @ 65mA
44V @ 130mA
LP-88-130
12
88VCT @ 130mA
44V @ 260mA
LP-120-20
2
120VCT @ 20mA
60V @ 40mA
LP-120-50
6
120VCT @ 50mA
60V @ 100mA
LP-120-100
12
120VCT @ 100mA
60V @ 200mA
LP-230-10
2
230VCT @ 10mA
115V @ 20mA
LP-230-25
6
230VCT @ 25mA
115V @ 50mA
LP-230-50
12
230VCT @ 50mA
115V @ 100mA
Signal Catalog page 15
Flathead™ Low Profile Transformers
Printed Circuit Mount
For Low Power and Critical Height Applications
Signal’s LP transformers use hum-bucking (semi toroidal)
construction that minimizes radiated magnetic fields.
These transformers are ideal for critical low height pc
board applications.
General Specifications
s Power – 2 VA to 48 VA
s Dielectric Strength – 1500VRMS Hipot
s Primaries – Dual primaries (115V/230V - 50/60 Hz)
s Secondaries – Series or parallel secondaries
s Electrostatic Shield – Not necessary, split bobbin construction
s Magnetic Field – Reduced magnetic radiation
s Height – .65 to 1.375 inches high
s Insulation – Class B insulation (130°C)
Agency Standards
s UL recognized to UL 506 (File #E63829)
s CSA certified to C22.2 #66 (File #LR 51265)
Signal Transformer
SM
CALL: 516-239-5777 • FAX: (24hrs) 516-239-7208
500 Bayview Avenue, Inwood, New York 11096
VA (Size)
A
B
C
L
W
H
N
D
P
Wgt
2
1.600˝
0.375˝
0.375˝
1.87˝
1.56˝
0.650˝
.041 x .020˝
5 oz
40.6mm
9.5mm
9.5mm
47.5mm
39.6mm
16.5mm
1.04 x 0.51mm
0.14 kg
6
1.600˝
0.375˝
0.375˝
1.87˝
1.56˝
0.850˝
.041 x .020˝
7 oz
40.6mm
9.5mm
9.5mm
47.5mm
39.6mm
21.6mm
1.04 x 0.51mm
0.20 kg
12
2.000˝
0.500˝
0.500˝
2.50˝
2.00˝
1.065˝
.041 x .020˝
11 oz
50.8mm
12.7mm
12.7mm
63.5mm
50.8mm
27.1mm
1.04 x 0.51mm
0.31 kg
24
1.900˝
0.600˝
0.530˝
2.87˝
2.25˝
1.250˝
2.41˝
.041(SQ pin)
Clearance Hole for #4 Screw
15 oz
48.3mm
15.2mm
13.5mm
72.9mm
57.2mm
31.8mm
61.2mm
1.04SQmm
0.43 kg
48
2.180˝
0.600˝
0.660˝
3.12˝
2.50˝
1.375˝
2.62˝
.041(SQ pin)
Clearance Hole for #6 Screw
21 oz
55.4mm
15.2mm
16.8mm
79.2mm
63.5mm
34.9mm
66.5mm
1.04SQmm
0.60 kg
C V


Similar Part No. - LP-40-60

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LP-40-60 BEL-LP-40-60 Datasheet
175Kb / 2P
   For Low Power and Critical Height Applications
LP-40-600 BEL-LP-40-600 Datasheet
175Kb / 2P
   For Low Power and Critical Height Applications
More results

Similar Description - LP-40-60

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LP-10-250 BEL-LP-10-250 Datasheet
175Kb / 2P
   For Low Power and Critical Height Applications
logo
Coilcraft lnc.
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
   Power Inductor for Critical Applications
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
   Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
   Power Inductor for Critical Applications
ST336PHA COILCRAFT-ST336PHA Datasheet
465Kb / 2P
   Power Inductor for Critical Applications
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST598PTA COILCRAFT-ST598PTA Datasheet
354Kb / 2P
   Power Inductors for Critical Applications
ST511PNA COILCRAFT-ST511PNA Datasheet
638Kb / 2P
   Power Inductor for Critical Applications
ST515PMM COILCRAFT-ST515PMM Datasheet
299Kb / 3P
   Power Inductor for Critical Applications
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com