Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA403033 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTMA403033
Description  10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTMA403033 Datasheet(HTML) 2 Page - Texas Instruments

  PTMA403033 Datasheet HTML 1Page - Texas Instruments PTMA403033 Datasheet HTML 2Page - Texas Instruments PTMA403033 Datasheet HTML 3Page - Texas Instruments PTMA403033 Datasheet HTML 4Page - Texas Instruments PTMA403033 Datasheet HTML 5Page - Texas Instruments PTMA403033 Datasheet HTML 6Page - Texas Instruments PTMA403033 Datasheet HTML 7Page - Texas Instruments PTMA403033 Datasheet HTML 8Page - Texas Instruments PTMA403033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE SPECIFICATIONS
PTMA403033
PTMA402050
PTMA401120
SLTS259A – FEBRUARY 2006 – REVISED MARCH 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
PART NUMBERING SCHEME
Input
Output
Output
Enable
Electrical
Pin Style
Shipping
Voltage
Current
Voltage
Options
Package
PTMA
4
02
050
P
2
A
D
T
4 = 48 V
01 = 1 A
033 = 3.3 V
A = None
1 = None
D = Through-hole, Pb-free
Blank = Tray
02 = 2 A
050 = 5.0 V
N = Negative
2 = VO Adjust
S = SMD, SnPb solder ball
T = Tape and Reel
03 = 3 A
120 = 12.0 V
P = Positive
3 = VO Adjust &
Z = SMD, SnAgCu solder
Syncronization
ball
UNIT
Continuous
75 V
VI
Input Voltage
Surge, 1 s max
100 V (1)
TA
Operating temperature range
Over VI range
–40°C to 85°C
Surface temperature of module or pins
TWAVE
Wave solder temperature
AD suffix
260
°C (2)
(20 seconds)
AS suffix
235°C (2)
Surface temperature of module or pins
TREFLOW
Solder reflow temperature
(20 seconds)
AZ suffix
260
°C (2)
TSTG
Storage temperature
–40°C to 125°C
PO
Output Power
10 W
(1)
The converter's internal protection circuitry may cause the output to turn off when the applied input voltage is greater than 75 V.
(2)
During solder reflow of SMD package version, do not elevate the module PCB, pins, or internal component temperatures beyond this
peak temperature.
UNITS
Weight
6.5 grams
Flammability
Meets UL94V-O
Horizontal T/H (Suffix AD)
20 G (1)
Per Mil-STD-883D, Method 2002.3, 1 ms,
Mechanical shock
Horizontal SMD (Suffix AS
10 G (1)
1/2 Sine, mounted
& AZ)
Horizontal T/H (Suffix AD)
500 G (1)
Mil-STD-883D, Method 2007.2, 20-2000 Hz,
Mechanical vibration
Horizontal SMD (Suffix AS
500 G (1)
PCB mounted
& AZ)
Reliability
Telcordia SR-332 50% stress, TA = 40°C, ground benign
MTBF
7.3 106 Hr
(1)
Qualification limit.
2
Submit Documentation Feedback


Similar Part No. - PTMA403033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
More results

Similar Description - PTMA403033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PKR2000A ERICSSON-PKR2000A Datasheet
800Kb / 27P
   DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
logo
Texas Instruments
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
logo
Ericsson
PKU5310EPI ERICSSON-PKU5310EPI Datasheet
2Mb / 25P
   DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
logo
Bel Fuse Inc.
SRBC-10AXX0 BEL-SRBC-10AXX0 Datasheet
156Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com