Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90478PF Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90478PF
Description  16-Bit Proprietary Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90478PF Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90478PF Datasheet HTML 5Page - Fujitsu Component Limited. MB90478PF Datasheet HTML 6Page - Fujitsu Component Limited. MB90478PF Datasheet HTML 7Page - Fujitsu Component Limited. MB90478PF Datasheet HTML 8Page - Fujitsu Component Limited. MB90478PF Datasheet HTML 9Page - Fujitsu Component Limited. MB90478PF Datasheet HTML 10Page - Fujitsu Component Limited. MB90478PF Datasheet HTML 11Page - Fujitsu Component Limited. MB90478PF Datasheet HTML 12Page - Fujitsu Component Limited. MB90478PF Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
MB90470 Series
9
(Continued)
LQFP : FPT-100P-M05 package
QFP : FPT-100P-M06 package
Pin no.
Pin name
Circuit
type
Description
LQFP
QFP
79
P30
E
(CMOS/H)
General purpose input/output port.
A00
In non-multibus bus mode, this pin functions as an external
address pin.
AIN0
8/16-bit up-down timer input pin. (ch0)
810
P31
E
(CMOS/H)
General purpose input/output port.
A01
In non-multibus bus mode, this pin functions as an external
address pin.
BIN0
8/16-bit up-down timer input pin. (ch0)
10
12
P32
E
(CMOS/H)
General purpose input/output port.
A02
In non-multibus bus mode, this pin functions as an external
address pin.
ZIN0
8/16-bit up-down timer input pin. (ch0)
11
13
P33
E
(CMOS/H)
General purpose input/output port.
A03
In non-multibus bus mode, this pin functions as an external
address pin.
AIN1
8/16-bit up-down timer input pin. (ch1)
12
14
P34
E
(CMOS/H)
General purpose input/output port.
A04
In non-multibus bus mode, this pin functions as an external
address pin.
BIN1
8/16-bit up-down timer input pin. (ch1)
13
15
P35
E
(CMOS/H)
General purpose input/output port.
A05
In non-multibus bus mode, this pin functions as an external
address pin.
ZIN1
8/16-bit up-down timer input pin. (ch1)
14
15
16
17
P36, P37
E
(CMOS/H)
General purpose input/output ports.
A06, A07
In non-multibus bus mode, this pin functions as an external
address pin.
PWC0, PWC1
Functions as PWC input pin.
16
18
P40
G
(CMOS/H)
General purpose input/output port.
A08
In non-multibus bus mode, this pin functions as an external
address pin.
SIN2
Single serial I/O input pin
17
19
P41
F
(CMOS)
General purpose input/output port.
A09
In non-multibus bus mode, this pin functions as an external
address pin.
SOT2
Single serial I/O output pin


Similar Part No. - MB90478PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90478PF FUJITSU-MB90478PF Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
MB90478PFV FUJITSU-MB90478PFV Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
More results

Similar Description - MB90478PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com