Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3165 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3165
Description  3V 1700MHz LINEAR POWER AMPLIFIER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3165 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3165 Datasheet HTML 2Page - RF Micro Devices RF3165 Datasheet HTML 3Page - RF Micro Devices RF3165 Datasheet HTML 4Page - RF Micro Devices RF3165 Datasheet HTML 5Page - RF Micro Devices RF3165 Datasheet HTML 6Page - RF Micro Devices RF3165 Datasheet HTML 7Page - RF Micro Devices RF3165 Datasheet HTML 8Page - RF Micro Devices RF3165 Datasheet HTML 9Page - RF Micro Devices RF3165 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary
2-8
RF3165
Rev A0 040730
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is
3
µinch to 8µinch gold over 180µinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
A = 0.64 x 0.28 (mm) Typ.
B = 0.28 x 0.64 (mm) Typ.
C = 0.78 x 0.64 (mm)
D = 0.64 x 1.28 (mm)
E = 1.50 (mm) Sq.
Dimensions in mm.
Pin 1
Pin 8
Pin 16
E
A
A
A
A
B
B
B
B
A
D
B
B
C
1.50 Typ.
0.50 Typ.
0.55 Typ.
0.75 Typ.
0.55 Typ.
0.75 Typ.
0.75
Typ.
1.00 Typ.
Figure 1. PCB Metal Land Pattern (Top View)


Similar Part No. - RF3165

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3165 RFMD-RF3165 Datasheet
79Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165 Datasheet
177Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165PCBA-410 RFMD-RF3165PCBA-410 Datasheet
79Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165PCBA-410 RFMD-RF3165PCBA-410 Datasheet
177Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF3165

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-3K RFMD-RF3100-3K Datasheet
116Kb / 6P
   3V 1700MHZ LINEAR AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_1 Datasheet
241Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_06 Datasheet
59Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_06 Datasheet
91Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_1 Datasheet
167Kb / 8P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164 Datasheet
98Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com