Electronic Components Datasheet Search
Selected language     English  ▼


PTH05050 Datasheet(PDF) 1 Page - Artesyn Technologies

Part No. PTH05050
Description  DC-DC CONVERTERS POLA Non-isolated
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ARTESYN [Artesyn Technologies]
Homepage  
Logo 

   
 1 page
background image
DC-DC CONVERTERS
POLA Non-isolated
1
NEW Product
File Name: pth05050.pdf Rev (06): 16 Dec 2005
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 100 µF, Cout = 0 µF
SPECIFICATIONS
The PTH05050 is a next generation series of non-isolated dc-dc converters offering
some of the most advanced POL features available in the industry. The primary new
feature provides for sequencing between multiple modules, a function, which is
becoming a necessity for powering advanced silicon including DSP’s, FPGA’s and
ASIC’s requiring controlled power-up and power-down. Other industry leading features
include pre-bias start-up capability and efficiencies up to 95%. The PTH05050 has an
input voltage of 4.5 Vdc to 5.5 Vdc and offers a wide 0.8 Vdc to 3.6 Vdc output voltage
range with up to 6 A output current, which allows for maximum design flexibility and a
pathway for future upgrades.
6 A output current
5 V input voltage
Wide-output voltage adjust (0.8 Vdc to 3.6 Vdc)
Auto-track™ sequencing*
Pre-bias start-up capability
Efficiencies up to 95%
Output ON/OFF inhibit
Output voltage sense
Point-of-Load-Alliance (POLA) compatible
Available RoHS compliant
*Auto-track™ is a trade mark of
Texas Instruments
PTH05050
5 Vin single output
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 4)
0.8-3.6 Vdc
Setpoint accuracy
±2.0% Vo
Line regulation
±10 mV typ.
Load regulation
±12 mV typ.
Total regulation
±3.0% Vo
Minimum load
0 A
Ripple and noise
20 MHz bandwidth
20 mV pk-pk
Temperature co-efficient
-40 ºC to +85 ºC
±0.5% Vo
Transient response
70 µs recovery time
(See Note 5)
Overshoot/undershoot 100 mV
INPUT SPECIFICATIONS
Input voltage range
(See Note 3)
4.5-5.5 Vdc
Input current
No load
10 mA typ.
Remote ON/OFF
(See Note 1)
Positive logic
Start-up time
1 V/ms
Undervoltage lockout
3.7-4.3 Vdc typ.
Track input voltage
Pin 2 (See Note 6, 7)
±0.3 Vin
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1,
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No.
US/8292/UL
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
(See Efficiency Table)
95% max.
Insulation voltage
Non-isolated
Switching frequency
550 kHz to 650 kHz
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
22.10 x 12.57 x 8.50 mm
0.870 x 0.495 x 0.335 in
Weight
2.9 g (0.10 oz)
MTBF
Telcordia SR-332
7,092,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
PROTECTION
Short-circuit
Auto reset
12 A typ.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PTH05060DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
PTH05030DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
PTH05020DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
PTH03010DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
PTH04040DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
PTV12020DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 5 Artesyn Technologies
PTV12010DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 5 Artesyn Technologies
PTH12040DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
PTH03060DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
PTV05010DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl