Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV-XX15D Datasheet(PDF) 1 Page - Recom International Power

Part # RV-XX15D
Description  ECONOLINE - DC/DC-Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RV-XX15D Datasheet(HTML) 1 Page - Recom International Power

  RV-XX15D Datasheet HTML 1Page - Recom International Power RV-XX15D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 63
August 2002
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Rated Power
2W
Efficiency at Full Load
70% min.
Operating Frequency
50kHz min.
Ripple and Noise (20MHz, BW)
100mVp-p max.
Line Voltage Regulation
1.2% typ./1.0% of V
in
Load Voltage Regulation (10% to 100% load)
3.3V output types
20% max.
5V output types
15% max.
9 - 24V output types
10% max.
Isolation Voltage
6kVDC min.
Isolation Resistance (Viso = 500VDC)
15 GΩ min.
Isolation Capacitance
2pF min./12pF max.
Short Circuit Protection
1s
Operating Temperature Range
–40°C to +75°C
Storage Temperature Range
–55°C to +125°C
Package Weight
9.0g
Safety standards and approvals:
EN 60950 certified, rated for
250VAC (LVD test report)
6kVDC Isolation
Efficiency to 70% min.
UL 94V-0 Package Material
Internal SMD Construction
Fully Encapsulated
Features
Selection Guide 3.3, 5V, 9V, 12V, 15V, 24V Input Types
Part Number
Nom. Input
Output
Output
DIP24
Voltage
Voltage
Current
Miniature
(VDC)
(VDC)
(mA)
RV-XX3.3S
3.3, 5, 9, 12, 15, 24
3.3
600
RV-XX05S
3.3, 5, 9, 12, 15, 24
5
400
RV-XX09S
3.3, 5, 9, 12, 15, 24
9
222
RV-XX12S
3.3, 5, 9, 12, 15, 24
12
167
RV-XX15S
3.3, 5, 9, 12, 15, 24
15
133
RV-XX24S
3.3, 5, 9, 12, 15, 24
24
83
RV-XX3.3D
3.3, 5, 12, 15, 24
±3.3
±300
RV-XX05D
3.3, 5, 12, 15, 24
±5
±200
RV-XX09D
3.3, 5, 12, 15, 24
±9
±111
RV-XX12D
3.3, 5, 12, 15, 244
±12
±83
RV-XX15D
3.3, 5, 12, 15, 24
±15
±67
RV-XX24D
3.3, 5, 12, 15, 24
±24
±42
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
4.0
3.0
1.0
2.0
100
50
0
-40
75
125
150
Operating Temperature ˚C
0
Safe Operating Area
Description
The RV Series of DC/DC Converters are fully
certified to EN 60950: 2000. This makes them
ideal for all Telecom and safety applications
where approved isolation is required. EN 60950
is derived from IEC 950 and is equivalent to
UL 1950 and CSA 950 standards.
ECONOLINE - DC/DC-Converter
RV-Ser., 2W, DIP24 Miniature, 6kVDC Isolation, EN 60950 certified (Single & Dual Output)


Similar Part No. - RV-XX15D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RV-xx15D RECOM-RV-xx15D Datasheet
112Kb / 4P
   EN-61010 for Test, Measurement and Lab Use
More results

Similar Description - RV-XX15D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com