Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL918 Datasheet(PDF) 1 Page - Texas Instruments

Part # TIL918
Description  SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL918 Datasheet(HTML) 1 Page - Texas Instruments

  TIL918 Datasheet HTML 1Page - Texas Instruments TIL918 Datasheet HTML 2Page - Texas Instruments TIL918 Datasheet HTML 3Page - Texas Instruments TIL918 Datasheet HTML 4Page - Texas Instruments TIL918 Datasheet HTML 5Page - Texas Instruments TIL918 Datasheet HTML 6Page - Texas Instruments TIL918 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TIL917, TIL917A, TIL917B, TIL917C, TIL918, TIL918A
TIL918B, TIL918C, TIL919, TIL919A, TIL919B, TIL919C
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
SOOS030 – FEBRUARY 1992
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Gallium-Arsenide Diode Infrared Source
D Source Is Optically Coupled to Silicon
N-P-N Darlington Phototransistor
D Choice of One, Two or Four Channels
D Choice of Four Current-Transfer Ratios
D High-Voltage Electrical Isolation ... 7.5 kV
Peak (5.3 kV rms)
D Plastic Dual-In-Line Packages
D UL Listed – File No. E65085
description
These optocouplers consist of a gallium-arsenide light-emitting diode and a silicon n-p-n Darlington
phototransistor per channel. The TIL917 has one channel in a 4-pin package, the TIL918 has two channels in
an 8-pin package, and the TIL919 has four channels in a 16-pin package. The standard devices, TIL917,
TIL918, and TIL919, are tested for a current-transfer ratio of 20% minimum. Devices selected for a
current-transfer ratio of 50%, 100%, and 200% minimum are designated with the suffix A, B, and C, respectively.
mechanical data
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
C
L
L
C
0,51 (0.020) MIN
5,08 (0.200) MAX
1
TIL918
105
°
90
°
7,62 (0.300) T.P.
(see Note A)
6,76 (0.266)
6,25 (0.246)
0,36 (0.014)
0,20 (0.008)
0,58 (0.023)
0,43 (0.017)
1
TIL917
1
TIL919
3,81 (0.150)
3,30 (0.130)
3,81 (0.150)
2,54 (0.100)
21,1 (0.831)
18,5 (0.728)
10,2 (0.400)
9,2 (0.362)
4,80 (0.189)
4,19 (0.165)
1,27 (0.050)
1,12 (0.044)
Seating Plane
(see Note A)
2,79 (0.110)
2,29 (0.090)
PIN 1
PIN 1
PIN 1
NOTE A: Each pin centerline is located within 0,25 (0.010) of its true longitudinal position.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1992, Texas Instruments Incorporated


Similar Part No. - TIL918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL920A TI1-TIL920A Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL920B TI1-TIL920B Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL921 TI1-TIL921 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL921A TI1-TIL921A Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
More results

Similar Description - TIL918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL923 TI-TIL923 Datasheet
146Kb / 8P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3020 TI-TIL3020 Datasheet
94Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com