Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL919 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL919
Description  SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL919 Datasheet(HTML) 3 Page - Texas Instruments

  TIL919 Datasheet HTML 1Page - Texas Instruments TIL919 Datasheet HTML 2Page - Texas Instruments TIL919 Datasheet HTML 3Page - Texas Instruments TIL919 Datasheet HTML 4Page - Texas Instruments TIL919 Datasheet HTML 5Page - Texas Instruments TIL919 Datasheet HTML 6Page - Texas Instruments TIL919 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIL917, TIL917A, TIL917B, TIL917C, TIL918, TIL918A
TIL918B, TIL918C, TIL919, TIL919A, TIL919B, TIL919C
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
SOOS030 – FEBRUARY 1992
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO Collector-emitter breakdown voltage
IC = 0.5 mA,
IF = 0
35
V
V(BR)ECO Emitter-collector breakdown voltage
IC = 100 µA,
IF = 0
7
V
IR
Input diode static reverse current
VR = 5 V
10
µA
IC(off)
Off-state collector current
VCE = 24 V,
IF = 0
100
nA
TIL917, TIL918, TIL919
20%
CTR
Current
TIL917A, TIL918A, TIL919A
IF =5mA
VCE =5V
50%
CTR
transfer ratio
TIL917B, TIL918B, TIL919B
IF = 5 mA,
VCE = 5 V
100%
TIL917C, TIL918C, TIL919C
200%
400%
VF
Input diode static forward voltage
IF = 20 mA
1.4
V
VCE(sat)
Collector-emitter saturation voltage
IF = 5 mA,
IC = 1 mA
0.4
V
Cio
Input-to-output capacitance
Vin-out = 0,
f = 1 MHz,
See Note 6
1
pF
rio
Input-to-output internal resistance
Vin-out = ±1 kV,
See Note 6
1011
NOTE 6. These parameters are measured between all input-diode leads shorted together and all phototransistor leads shorted together.
switching characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VCC = 5 V,
IC(on) = 2 mA,
6
µs
tf
Fall time
CC
RL = 100 Ω,
C(on)
See Figure 1
6
µs
PARAMETER MEASUREMENT INFORMATION
Input
(see Note A)
Output
(see Note B)
RL = 100 Ω
47
VCC = 5 V
+
90%
10%
Output
Input
tf
tr
0
0
90%
10%
TEST CIRCUIT
VOLTAGE WAVEFORMS
Adjust amplitude of input pulse
for IC(on) = 2 mA
NOTES: A. The input waveform is supplied by a generator with the following characteristics: Zo = 50 Ω, tr ≤ 15 ns, duty cycle = 1%, tw = 500 µs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr ≤ 12 ns, Rin ≥ 1 MΩ, Cin ≤ 20 pF.
Figure 1. Switching Times


Similar Part No. - TIL919

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL920A TI1-TIL920A Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL920B TI1-TIL920B Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL921 TI1-TIL921 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL921A TI1-TIL921A Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
More results

Similar Description - TIL919

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL923 TI-TIL923 Datasheet
146Kb / 8P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3020 TI-TIL3020 Datasheet
94Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com