Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC020BCQ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC020BCQ
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020BCQ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC020BCQ Datasheet HTML 7Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 8Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 9Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 10Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 11Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 12Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 13Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 14Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
MEASURING JITTER
The test method used to obtain the timing jitter value given in
the AC Electrical Specification table is based on procedures
and equipment described in SMPTE RP 192-1996. The rec-
ommended practice discusses several methods and indica-
tor devices. An FFT method performed by standard video
test equipment was used to obtain the data given in this data
sheet. As such, the jitter characteristics (or jitter floor) of the
measurement equipment, particularly the measurement ana-
lyzer, become integral to the resulting jitter value. The
method and equipment were chosen so that the test can be
easily duplicated by the design engineer using most stan-
dard digital video test equipment. In so doing, similar results
should be achieved. The intrinsic jitter floor of the CLC020’s
PLL is approximately 25% of the typical jitter given in the
electrical specifications. In production, device jitter is mea-
sured on automatic IC test equipment (ATE) using a different
method compatible with that equipment. Jitter measured
using this ATE yields values approximately 50% of those
obtained using the video test equipment.
The jitter test setup used to obtain values quoted in the data
sheet consists of:
National Semiconductor SD020EVK, CLC020 evaluation
kit
Tektronix TG2000 signal generation platform with DVG1
option
Tektronix VM700T Option 1S Video Measurement Set
Tektronix TDS 794D, Option C2 oscilloscope
Tektronix P6339A passive probe
75 Ohm coaxial cable, 3ft., Belden 8281 or RG59 (2
required)
ECL-to-TTL/CMOS level converter/amplifier, Figure 10
Apply the black-burst reference clock from the TG2000 sig-
nal generator’s BG1 module 27MHz clock output to the level
converter input. The clock amplitude converter schematic is
shown in Figure 9. Adjust the input bias control to give a 50%
duty cycle output as measured on the oscilloscope/probe
system. Connect the level translator to the SD020EVK
board, connector P1, P
CLK pins (the outer-most row of pins
10091709
Connect LOCK DETECT to TPG ENABLE for test pattern generator function.
Remove RP1 & RP3 and replace RP2 & RP4 with 50
Ω resistor packs for coax interfacing.
Install RP1-4 when using ribbon cable for input interfacing.
This board is designed for use with TTL power supplies only.
For optional ECL compatible load: R1A = R2A = 187; R1B = R2B = 124.
All resistances & impedances in Ohms. Values with 3 significant digits are 1%; with 2 digits 5%.
FIGURE 8. SD020EVK Schematic Diagram
www.national.com
11


Similar Part No. - CLC020BCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC020BCQ/NOPB TI1-CLC020BCQ/NOPB Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
More results

Similar Description - CLC020BCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
[Old version datasheet]   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
National Semiconductor ...
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
LMH0001 TI1-LMH0001_14 Datasheet
727Kb / 11P
[Old version datasheet]   SMPTE 259M / 344M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com