Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4053BQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT4053BQ
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4053BQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT4053BQ Datasheet HTML 3Page - NXP Semiconductors 74HCT4053BQ Datasheet HTML 4Page - NXP Semiconductors 74HCT4053BQ Datasheet HTML 5Page - NXP Semiconductors 74HCT4053BQ Datasheet HTML 6Page - NXP Semiconductors 74HCT4053BQ Datasheet HTML 7Page - NXP Semiconductors 74HCT4053BQ Datasheet HTML 8Page - NXP Semiconductors 74HCT4053BQ Datasheet HTML 9Page - NXP Semiconductors 74HCT4053BQ Datasheet HTML 10Page - NXP Semiconductors 74HCT4053BQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
7 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
[1]
To avoid drawing VCC current out of terminals nZ, when switch current flows in terminals nYn, the voltage
drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminals nZ, no
VCC current will flow out of terminals nYn. In this case there is no limit for the voltage drop across the switch,
but the voltages at nYn and nZ may not exceed VCC or VEE.
[2]
For DIP16 package: Ptot derates linearly with 12 mW/K above 70 °C.
[3]
For SO16 package: Ptot derates linearly with 8 mW/K above 70 °C.
[4]
For SSOP16 and TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 °C.
[5]
For DHVQFN16 packages: Ptot derates linearly with 4.5 mW/K above 60 °C.
10. Recommended operating conditions
IS
switch current
−0.5 V < V
S <VCC + 0.5 V
-
±25
mA
IEE
negative supply current
-
−20
mA
ICC
quiescent supply current
-
50
mA
IGND
ground current
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to + 125 °C
DIP16 package
[2] -
750
mW
SO16 package
[3] -
500
mW
SSOP16 package
[4] -
500
mW
TSSOP16 package
[4] -
500
mW
DHVQFN16 package
[5] -
500
mW
PS
power dissipation per
switch
-
100
mW
Table 5:
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VEE = GND (ground = 0 V). [1]
Symbol Parameter
Conditions
Min
Max
Unit
Table 6:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
74HC4053
∆VCC
supply voltage difference
see Figure 7
VCC − GND
2.0
5.0
10.0
V
VCC − VEE
2.0
5.0
10.0
V
VI
input voltage
GND
-
VCC
V
VS
switch voltage
VEE
-VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
tr, tf
input rise and fall times
VCC = 2.0 V
-
6.0
1000
ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
6.0
400
ns
VCC = 10.0 V
-
6.0
250
ns
74HCT4053
∆VCC
supply voltage difference
see Figure 7
VCC − GND
4.5
5.0
5.5
V
VCC − VEE
2.0
5.0
10.0
V


Similar Part No. - 74HCT4053BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4053BQ NXP-74HCT4053BQ Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053BQ NXP-74HCT4053BQ Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HCT4053BQ NXP-74HCT4053BQ Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Nexperia B.V. All right...
74HCT4053BQ NEXPERIA-74HCT4053BQ Datasheet
403Kb / 27P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 12 - 9 February 2023
logo
NXP Semiconductors
74HCT4053BQ-Q100 NXP-74HCT4053BQ-Q100 Datasheet
320Kb / 30P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 2-22 November 2012
More results

Similar Description - 74HCT4053BQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com