Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA402050P1AST Datasheet(PDF) 6 Page - Texas Instruments

Part # PTMA402050P1AST
Description  10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTMA402050P1AST Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTMA402050P1AST Datasheet HTML 2Page - Texas Instruments PTMA402050P1AST Datasheet HTML 3Page - Texas Instruments PTMA402050P1AST Datasheet HTML 4Page - Texas Instruments PTMA402050P1AST Datasheet HTML 5Page - Texas Instruments PTMA402050P1AST Datasheet HTML 6Page - Texas Instruments PTMA402050P1AST Datasheet HTML 7Page - Texas Instruments PTMA402050P1AST Datasheet HTML 8Page - Texas Instruments PTMA402050P1AST Datasheet HTML 9Page - Texas Instruments PTMA402050P1AST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.ti.com
(Top View)
3
5
2
1
4
6
PTMA40XXXX
PTMA403033
PTMA402050
PTMA401120
SLTS259A – FEBRUARY 2006 – REVISED MARCH 2006
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
The Enable input is an open-base logic input that is referenced to VI–. Two ON/OFF enable options are available,
positve logic and negative logic. Positive logic devices are enabled by applying a logic high voltage (Open) and
are disabled by applying a logic low voltage (VI–). Negative logic devices are enabled by applying a logic low
voltage (VI–) and are disabled by applying a logic high voltage (Open). See the Application Information section for
Enable/Sync (1)
3
more detailed information.
This pin also has the option of a synchronization input. A module that has the synchronization option does not
have ON/OFF enable control. A 5-V logic signal greater than the free-running frequency but
≤ 350 kHz is required
for synchronization control. See the Application Information section for more detailed information.
The negative input supply for the module, and the 0-V reference for the Enable/Sync inputs. When powering the
VI(1)
2
module from a positive source, this input is connected to the input source return.
The positive input for the module with respect to VI–. When powering the module from a negative input voltage,
VI+ (1)
1
this input is connected to the input source ground.
VO+
4
This is the positive power output with respect to VO–. It is dc isolated from the input power pins.
This pin allows the output voltage set point of the module to be increased or decreased up to
± 10 %. Connecting
a resistor between this terminal and VO+ decreases the output voltage set point. Connecting a resistor between
this terminal and VO– increases the output voltage set point. A 0.05-W rated resistor may be used, with tolerance
Trim
5
and temperature stability of 1% and 100 ppm/°C, respectively. If left open circuit, the converter output voltage
defaults to its nominal value. The specification table gives the standard resistor values for the most common
output voltages.
This is the output power return for the VO+ bus. This terminal should be connected to the common of the load
VO
6
circuit.
(1)
These functions indicate signals electrically common with the input.
6
Submit Documentation Feedback


Similar Part No. - PTMA402050P1AST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
More results

Similar Description - PTMA402050P1AST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PKR2000A ERICSSON-PKR2000A Datasheet
800Kb / 27P
   DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
logo
Texas Instruments
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
logo
Ericsson
PKU5310EPI ERICSSON-PKU5310EPI Datasheet
2Mb / 25P
   DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
logo
Bel Fuse Inc.
SRBC-10AXX0 BEL-SRBC-10AXX0 Datasheet
156Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com