Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7DC-16D12S Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # S7DC-16D12S
Description  NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7DC-16D12S Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button S7DC-16D12S Datasheet HTML 3Page - Bel Fuse Inc. S7DC-16D12S Datasheet HTML 4Page - Bel Fuse Inc. S7DC-16D12S Datasheet HTML 5Page - Bel Fuse Inc. S7DC-16D12S Datasheet HTML 6Page - Bel Fuse Inc. S7DC-16D12S Datasheet HTML 7Page - Bel Fuse Inc. S7DC-16D12S Datasheet HTML 8Page - Bel Fuse Inc. S7DC-16D12S Datasheet HTML 9Page - Bel Fuse Inc. S7DC-16D12S Datasheet HTML 10Page - Bel Fuse Inc. S7DC-16D12S Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 03.03
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02S7DC-16D120
3 – 15V Input / 1.2V Output / 16A
Mechanical
1. Pin 3 not used on module S7DC-16D120, used for
- sense on S7DC-16D12D and used for power good
signal on the S7DC-16D12S module.
2. Pin 4 not used on module S7DC-16D120, used for
+ sense on both the S7DC-16D12S and S7DC-16D12D
modules.
page 11
n
i
P
n
o
i
t
c
n
u
F
1d
n
u
o
r
G
l
o
r
t
n
o
C
2l
o
r
t
n
o
C
f
f
O
/
n
O
31
n
o
i
t
c
e
n
n
o
C
o
N
42
n
o
i
t
c
e
n
n
o
C
o
N
5o
V
+
6m
i
r
T
7d
n
u
o
r
G
r
e
w
o
P
8d
n
u
o
r
G
r
e
w
o
P
9n
i
V
+
0.070
[1.78]
2.265
[57.52]
max
0.400
[10.17]
max
0.100
[2.54]
0.200 [5.08]
0.300
[7.62]
2.013
[51.13]
max
0.200
[5.08]
0.400
[10.17]
0.600
[15.23]
0.800
[20.33]
1.020
[25.91]
max
0.120
[3.05]
0.090
[2.29]
2.125
[53.98]
2.305
[58.55]
Recommended PCB Pad Layout
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.
1
2
3
4
6
7
8
9
5


Similar Part No. - S7DC-16D12S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DC-16D180 BEL-S7DC-16D180 Datasheet
191Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
S7DC-16D18D BEL-S7DC-16D18D Datasheet
191Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
S7DC-16D18S BEL-S7DC-16D18S Datasheet
191Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
More results

Similar Description - S7DC-16D12S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDC-16D120 BEL-SRDC-16D120 Datasheet
200Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
S7DC-16D180 BEL-S7DC-16D180 Datasheet
191Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D180 BEL-SRDC-16D180 Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D250 BEL-SRDC-16D250 Datasheet
157Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
S7DC-16D250 BEL-S7DC-16D250 Datasheet
149Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
SRDC-16D330 BEL-SRDC-16D330 Datasheet
183Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
S7DC-16D330 BEL-S7DC-16D330 Datasheet
176Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com