Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPAA5DC5V Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NPAA5DC5V
Description  Low coil power consumption 0.12W. / PC board mounting, SIL terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NPAA5DC5V Datasheet(HTML) 1 Page - DB Lectro Inc

  NPAA5DC5V Datasheet HTML 1Page - DB Lectro Inc NPAA5DC5V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight.
Low coil power consumption 0.12W.
PC board mounting, SIL terminal
Suitable
for
household
electrical
appliance,
automation system,
electronic
equipment, instrument,
meter,
telecommunication facilities and remote control facilities.
Ordering Information
NPA
A S 5 DC12V
1
2
3
4
5
1 Part number:NPA ;NPA2
2 Contact arrangement: A:1A
4 Contact current:3:3A;5:5A
5 Coil rated Voltage(V):DC:3,4.5,5,6,12,18,24
Contact Data
Contact Arrangement
1A
SPSTNO
Contact Material
Silver Alloy
Gold clad
Contact Rating (resistive)
3A,5A/30VDC,250VAC ;
Max. Switching Power
150W
1250VAC
min Load:0.1mA/0.1VDC
reference value
Max. Switching Voltage
110VDC
250VAC
Max. Switching Current:5A
Contact Resistance & Voltage drop
30m
( at 1A/6V)
Item 3.12 of IEC255-7
Electrical
1
y105
Item 3.30 of IEC255-7
Operation
life
Mechanical
2
y107
Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not
recommended for subsequent use in low level applications.
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Rated
current
mA
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(70%of
rated
voltage )
release
voltage
VDC(min)
(5% of
rated
voltage)
Coil power
Consumption
W
Operate
Time
ms
Release
Time
ms
NPA-005
5
6
24
208
3.5
0.25
NPA-006
6
7.2
20
300
4.2
0.3
NPA-009
9
10.8
13.3
675
6.3
0.45
NPA-012
12
14.4
10
1200
8.4
0.6
NPA-018
18
21.6
6.7
2700
12.6
0.9
0.12
6
3
NPA-024
24
28.8
5
3200
16.8
1.2
0.18
6
3
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
39
NPA
20
×5×12.8
on Pending
www.dblectro.com
3 Enclosure: S: Sealed NIL: Dust cover


Similar Part No. - NPAA5DC5V

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NPA HUAXINAN-NPA Datasheet
383Kb / 1P
   Small size, light weight
logo
List of Unclassifed Man...
NPA-100 ETC1-NPA-100 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
NPA-100 ETC2-NPA-100 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
NPA-100B-010WD ETC1-NPA-100B-010WD Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
NPA-100B-015A ETC2-NPA-100B-015A Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
More results

Similar Description - NPAA5DC5V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NG8QN DBLECTRO-NG8QN Datasheet
120Kb / 2P
   Low coil consumption. / PC board mounting.
NG6D DBLECTRO-NG6D Datasheet
73Kb / 2P
   Low coil power consumption 0.2W. / PC board mounting.
logo
AIMTEC
AM6TW-NZ AIMTEC-AM6TW-NZ Datasheet
259Kb / 5P
   Very low no load power consumption of 0.12W
logo
CIT Relay & Switch
J118 CIT-J118 Datasheet
113Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
   Low coil power consumption.
logo
DB Lectro Inc
N4100 DBLECTRO-N4100 Datasheet
298Kb / 2P
   Low coil power consumption.
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
   Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
   Low coil power consumption
logo
CIT Relay & Switch
J103 CIT-J103 Datasheet
112Kb / 3P
   Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com