Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX4034A-LZ Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # OX4034A-LZ
Description  OCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

OX4034A-LZ Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  OX4034A-LZ Datasheet HTML 1Page - Raltron Electronics Corporation OX4034A-LZ Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OCXO
RALTRON ELECTRONICS CORP.
§ 10651 N.W. 19
th S t § Miami, Florida 33172 § U.S.A.
phone: +001(305) 593-6033
§ fax: +001(305)594-3973 § e-mail: sales@raltron.com § internet: http:/www.raltron.com
n HOW TO ORDER (PART NUMBER)
Prefix
Output
Type
Cut Type
Series
Revision
Temperature
Range
Stability
Frequency
Supply
Voltage
OX
2:HCMOS
4:LVCMOS
6:SINE
0:AT (No Vcontrol )
1: SC (No Vcontrol )
4: AT (Elect Vcontrol)
5: SC (Elect Vcontrol)
3X:3000
34:
Height=
0.5”/12.7mm
36:
Height=
0.63”/16mm
37:
Height=
1”/25.4mm
39:
Height=
0.75”/19mm
A
First letter Lowest
Temperature,
Second letter
Highest
Temperature:
From A=-55°C to
Z=+70°C, Then:
1=+75°C, 2=+80°C,
3=+85°C… in 5°C
steps Example:
LZ: +0°C to +70°C
LX: +0°C to +60°C
FZ: -30°C to +70°C
D3: -40°C to +85°C
Value x
10E-2 in
PPM
Example
28=
0.28PPM
10=
0.1PPM
In MHZ
3.3: 3.3V
5; 5V
12; 12V
15; 15V
Example:
OX 6 5 36 A- LZ - 2 -20.000 -5
Frequency 20 MHz
Temp Stability = 2 x 10E-2 = ±0.02 PPM
Operating Temp Range = 0°C to +70°C
Revision "A"
3=SERIES 3000, 6= Max Height 16mm
SC Cut crystal, electrical control voltage
Output Sine Wave
Prefix: OCXO
Supply – 5V
n MECHANICAL SPECIFICATION
HEIGHT, MAX. “H”:
0.5” / 12.7 mm (OXxx34)
0.63” / 16 mm
(OXxx36)
0.75” / 19.1 mm (OXxx39)
1”
/ 25.4 mm (OXxx37)
OUTLINE TOLERANCE:
±0.015” / 0.4mm
PIN FUNCTIONS:
[1] N/C OR CONTROL
VOLTAGE
[2] N/C OR REFERENCE
VOLTAGE OUT
[3] SUPPLY VOLTAGE
[4] RF OUTPUT
[5] CASE / GROUND


Similar Part No. - OX4034A-LZ

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX402 VECTRON-OX402 Datasheet
418Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Raltron Electronics Cor...
OX4020A-F1-28-20.000-STR3 RALTRON-OX4020A-F1-28-20.000-STR3 Datasheet
32Kb / 1P
   Fully meeting Stratum 3 reference clock requirements
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
   OCXO
OX4020B-D3-28-20.000-STR3 RALTRON-OX4020B-D3-28-20.000-STR3 Datasheet
30Kb / 1P
   OCXO
OX4050A-LZ-28-12.800-STR3 RALTRON-OX4050A-LZ-28-12.800-STR3 Datasheet
26Kb / 1P
   OCXO
More results

Similar Description - OX4034A-LZ

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
   OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
   OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
   OCXO
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
   OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
   OCXO
logo
Vectron International, ...
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
   OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
   OCXO
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
   OCXO
OX-221-9102-49M152 VECTRON-OX-221-9102-49M152 Datasheet
686Kb / 9P
   OCXO
OX-221-9100-20M000 VECTRON-OX-221-9100-20M000 Datasheet
685Kb / 9P
   OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com