Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6036IM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6036IM
Description  Low Power 2.7V Single Supply CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6036IM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC6036IM Datasheet HTML 1Page - National Semiconductor (TI) LMC6036IM Datasheet HTML 2Page - National Semiconductor (TI) LMC6036IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6036IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6036IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6036IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6036IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6036IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6036IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
3000V
Machine Model
300V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V
+ −V)
16V
Output Short Circuit to V
+
(Note 8)
Output Short Circuit to V
(Note 3)
Lead Temperature (soldering, 10
sec.)
260˚C
Current at Output Pin
±18mA
Current at Input Pin
±5mA
Current at Power Supply Pin
35mA
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
150˚C
Operating Ratings (Note 1)
Supply Voltage
2.0V to 15.5V
Temperature Range
LMC6035I and LMC6036I
−40˚C
≤ T
J
≤ +85˚C
Thermal Resistance (
θ
JA)
8-pin MSOP
230˚C/W
8-pin SOIC
175˚C/W
14-pin SOIC
127˚C/W
14-pin TSSOP
137˚C/W
8-Bump (6 mil) micro SMD
220˚C/W
8-Bump (12 mil) Thin micro
SMD
220˚C/W
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V= 0V, V
CM = 1.0V, VO = 1.35V and RL > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC6035I/LMC6036I
Units
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
V
OS
Input Offset Voltage
0.5
5
6
mV
TCV
OS
Input Offset Voltage
Average Drift
2.3
µV/˚C
I
IN
Input Current
(Note 11)
0.02
90
pA
I
OS
Input Offset Current
(Note 11)
0.01
45
PA
R
IN
Input Resistance
> 10
Tera
CMRR
Common Mode Rejection
Ratio
0.7V
≤ V
CM
≤ 12.7V,
V
+ = 15V
63
60
96
dB
+PSRR
Positive Power Supply
Rejection Ratio
5V
≤ V+ ≤ 15V,
V
O = 2.5V
63
60
93
dB
−PSRR
Negative Power Supply
Rejection Ratio
0V
≤ V≤ −10V,
V
O = 2.5V, V
+ =5V
74
70
97
dB
V
CM
Input Common-Mode
Voltage Range
V
+ = 2.7V
For CMRR
≥ 40dB
−0.1
0.3
0.5
V
2.0
1.7
2.3
V
+ =3V
For CMRR
≥ 40dB
−0.3
0.1
0.3
V
2.3
2.0
2.6
V
+ =5V
For CMRR
≥ 50dB
−0.5
−0.2
0.0
V
4.2
3.9
4.5
V
+ = 15V
For CMRR
≥ 50dB
−0.5
−0.2
0.0
V
14.0
13.7
14.4
www.national.com
2


Similar Part No. - LMC6036IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6036IM TI1-LMC6036IM Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
LMC6036IM/NOPB TI1-LMC6036IM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
LMC6036IMT TI1-LMC6036IMT Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
LMC6036IMT/NOPB TI1-LMC6036IMT/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
LMC6036IMTX TI1-LMC6036IMTX Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
More results

Similar Description - LMC6036IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMC6035IMM TI1-LMC6035IMM Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com