Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S553-5999-46 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S553-5999-46
Description  HIGH SPEED LAN MAGNETICS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S553-5999-46 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S553-5999-46 Datasheet HTML 1Page - Bel Fuse Inc. S553-5999-46 Datasheet HTML 2Page - Bel Fuse Inc. S553-5999-46 Datasheet HTML 3Page - Bel Fuse Inc. S553-5999-46 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
defining a degree of excellence
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: BelFuse@belfuse.com
Website: http://www.belfuse.com
Specifications subject to change without notice.
S553-5999-46
1:2CT;1:2CT;1:2CT;1:2CT
350
0.25
12
0.3/1.0
B
1
S553-5999-49
1:2CT;1:2CT;1:2CT;1:2CT
350
0.25
12
0.3/1.0
C
1
S555-1204-00*
1:1;1:1;1:1;1:1
40 (primary)
N/A
N/A
N/A
D
2
S558-5999-C5
2CT:1;2CT:1;2CT:1;2CT:1
350
0.25
1.0
0.3/1.0
A
1
SCHEMATICS
960033A
• Designed for use with either Seeq 80C240 or Cypress
Semiconductor CY7C971 100Base-T4 transceivers
• Complies with IEEE 802.3 standards
• Multiple design options, no CMC, integrated CMC or
separately packaged CMC
• Low profile, surface mount packaging, rated to 225ºC
peak IR reflow temperature
• 2000 Vrms isolation
AB
CD
HIGHSPEEDLANMAGNETICS
*common mode choke
ELECTRICALS AT 25°C
Sec Inductance
Leakage
Coupling
Pri/Sec
Turns
(UTP side) OCL
Inductance
Capacitance
(ohms)
Package
Part No.
Ratio
(µH) Min
L
L (µH) Max
C
WW (pF) Max
Max
Schematic
Style


Similar Part No. - S553-5999-46

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-5999-40 BEL-S553-5999-40 Datasheet
199Kb / 2P
   TOKENRINGNETWORKING COMPONENTS
S553-5999-41 BEL-S553-5999-41 Datasheet
286Kb / 2P
   TOKENRINGNETWORKING COMPONENTS
S553-5999-42 BEL-S553-5999-42 Datasheet
273Kb / 2P
   TOKENRINGNETWORKING COMPONENTS
S553-5999-48 BEL-S553-5999-48 Datasheet
448Kb / 2P
   10BASE-TNETWORKCOMPONENTS
More results

Similar Description - S553-5999-46

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM3 XFMRS-XFATM3 Datasheet
79Kb / 1P
   HIGH SPEED LAN MAGNETICS
XF973TX XFMRS-XF973TX Datasheet
56Kb / 1P
   HIGH SPEED LAN MAGNETICS
logo
Bel Fuse Inc.
S558-5999-92 BEL-S558-5999-92 Datasheet
346Kb / 2P
   HIGH SPEED LAN MAGNETICS
S553-3873-23 BEL-S553-3873-23 Datasheet
313Kb / 2P
   HIGH SPEED LAN MAGNETICS
S558-1287-00 BEL-S558-1287-00 Datasheet
520Kb / 4P
   HIGH SPEED LAN MAGNETICS
S558-5999-03 BEL-S558-5999-03 Datasheet
295Kb / 2P
   HIGH SPEED LAN MAGNETICS
S558-5999-29 BEL-S558-5999-29 Datasheet
796Kb / 6P
   HIGH SPEED LAN MAGNETICS
S558-5999-37 BEL-S558-5999-37 Datasheet
276Kb / 2P
   HIGH SPEED LAN MAGNETICS
logo
XFMRS Inc.
XFATM6 XFMRS-XFATM6 Datasheet
49Kb / 1P
   HIGH SPEED LAN MAGNETICS
XFATM3M XFMRS-XFATM3M Datasheet
80Kb / 1P
   HIGH SPEED LAN MAGNETICS
XF973TX XFMRS-XF973TX Datasheet
48Kb / 1P
   HIGH SPEED LAN MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com