Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFB300-24S12-R5Y Datasheet(PDF) 3 Page - Artesyn Technologies

Part # RFB300-24S12-R5Y
Description  DC-DC CONVERTERS 300-350 W Half-Brick
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

RFB300-24S12-R5Y Datasheet(HTML) 3 Page - Artesyn Technologies

  RFB300-24S12-R5Y Datasheet HTML 1Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 2Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 3Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 4Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
300-350 W Half-Brick
3
NEW Product
File Name: rfb300_350.pdf Rev: 03 Feb 2006
-Out
-Sen
+Out
Vadj
+Sen
+IN
-IN
Case
RC
1
µF
50 V
330
µF
330
µF
Figure 1 - Standard Application - 28 V Models
-Out
-Sen
+Out
Vadj
+Sen
+IN
-IN
Case
RC
1
µF
50 V
470
µF
330
µF
Figure 2 - Standard Application - 12 V Models
RFB300/350 Series
24Vin and 48Vin single output
TEMPERATURE (ºC) BASEPLATE
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
Figure 3 - Derating Curve - All Models
Figure 4 - Typical Turn-on Delay and Risetime RFB350-48S28Y
Channel 1: Output Voltage, Channel 2: Input Voltage
0
3
6
9
12
84
86
88
90
92
OUTPUT CURRENT (A)
Vin = 48 V
Figure 6 - Typical Efficiency vs. Output Current – RFB300-48S28Y
0
3
6
9
12
83
85
87
89
91
OUTPUT CURRENT (A)
Vin = 24 V
Figure 5 - Typical Efficiency vs. Output Current – RFB300-24S28Y


Similar Part No. - RFB300-24S12-R5Y

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
RFB300-24S12Y EMERSON-NETWORKPOWER-RFB300-24S12Y Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Artesyn Technologies
RFB300-24S12Y ARTESYN-RFB300-24S12Y Datasheet
366Kb / 6P
   RFB300/350 series is a high efficiency, enclosed, isolated dc-dc converter series
RFB300-24S12Y ARTESYN-RFB300-24S12Y_07 Datasheet
366Kb / 6P
   RFB300/350 series is a high efficiency, enclosed, isolated dc-dc converter series
More results

Similar Description - RFB300-24S12-R5Y

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Power-One
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
logo
Wall Industries,Inc.
LV200 WALL-LV200 Datasheet
649Kb / 12P
   200 Watt Half-Brick DC - DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com