Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSAM2CZ1012VDC Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NSAM2CZ1012VDC
Description  Switching capacity up to 20A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NSAM2CZ1012VDC Datasheet(HTML) 2 Page - DB Lectro Inc

  NSAM2CZ1012VDC Datasheet HTML 1Page - DB Lectro Inc NSAM2CZ1012VDC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 500V
50Hz 1000V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-30~80
’
Relative Humidity
85% (at 45
’)
IEC68-2-3Test Ca
Mass
15g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NSAM
Dimensions
2C
2A
Wiring diagram(Bottom views)
Mounting (Bottom views)
mm
>àçÇá
0.4
0.016
1.0
0.039
1.2
0.047
1.25
0.049
1.3
0.051
2.6
0.102
3.0
0.118
3.5
0.138
4.0
0.157
5.3
0.209
6.0
0.236
6.1
0.240
8.0
0.315
11
0.433
11.6
0.457
16.2
0.638
17.2
0.677
23.1
0.909
www.dblectro.com


Similar Part No. - NSAM2CZ1012VDC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NSAM2CZ1012VDC DBLECTRO-NSAM2CZ1012VDC Datasheet
470Kb / 2P
   Suitable for automobile accessories
More results

Similar Description - NSAM2CZ1012VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A1M CIT-A1M Datasheet
92Kb / 2P
   Switching capacity up to 20A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
logo
CIT Relay & Switch
CTA17 CIT-CTA17 Datasheet
159Kb / 2P
   Switching capacity up to 20A
J120D CIT-J120D Datasheet
133Kb / 2P
   Switching capacity up to 20A
A15 CIT-A15 Datasheet
87Kb / 2P
   Switching capacity up to 20A
J151 CIT-J151 Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
   Switching capacity up to 20A Small size and light weight
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
   High Capacity Toggle Switches up to 20A
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com