Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC165-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC165-Q1
Description  8-BIT PARALLEL-LOAD SHIFT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC165-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC165-Q1 Datasheet HTML 3Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 4Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 5Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 6Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 7Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 8Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 9Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 10Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN74HC165Q1
8BIT PARALLELLOAD SHIFT REGISTER
SCLS518 − AUGUST 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
6
13
4.2
fmax
4.5 V
31
50
21
MHz
fmax
6 V
36
62
25
MHz
2 V
80
150
225
SH/LD
QH or QH
4.5 V
20
30
45
SH/LD
QH or QH
6 V
16
26
38
2 V
75
150
225
tpd
CLK
QH or QH
4.5 V
15
30
45
ns
tpd
CLK
QH or QH
6 V
13
26
38
ns
2 V
75
150
225
H
QH or QH
4.5 V
15
30
45
H
QH or QH
6 V
13
26
38
2 V
38
75
110
tt
Any
4.5 V
8
15
22
ns
tt
Any
6 V
6
13
19
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
75
pF


Similar Part No. - SN74HC165-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC165-Q1 TI1-SN74HC165-Q1 Datasheet
854Kb / 17P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC165-Q1 TI1-SN74HC165-Q1_15 Datasheet
854Kb / 17P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
More results

Similar Description - SN74HC165-Q1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com