Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S556-9003-15 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # S556-9003-15
Description  10BASE-T NETWORK COMPONENTS PC-CARD (PCMCIA) MODULES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S556-9003-15 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  S556-9003-15 Datasheet HTML 1Page - Bel Fuse Inc. S556-9003-15 Datasheet HTML 2Page - Bel Fuse Inc. S556-9003-15 Datasheet HTML 3Page - Bel Fuse Inc. S556-9003-15 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
defining a degree of excellence
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: BelFuse@belfuse.com
Website: http://www.belfuse.com
Specifications subject to change without notice.
10BASE-T NETWORK COMPONENTS
PC-CARD (PCMCIA) MODULES
960001A
S556-9003-05
49.9
-C-
49.9
274
66.5
66.5
274
820
S556-9003-06
49.9
-C-
49.9
15
120
15
120
N/A
S556-9003-07
49.9
-C-
49.9
68.1
287
287
68.1
N/A
S556-9003-08
49.9
-C-
49.9
61.9
198
61.9
198
N/A
S556-9003-09
49.9
-C-
49.9
290
49.9
49.9
290
N/A
S556-9003-10
49.9
-C-
49.9
316
53.6
53.6
316
N/A
S556-9003-12
49.9
-C-
49.9
243
68.1
243
68.1
680
S556-9003-15
49.9
-C-
49.9
274
68.1
68.1
274
806
R1
R3
R4
R5
R6
R7
Rs
Part No.
Pin1
Pin2
Pin3
Pin4
Pin5
Pin6
Pin7
Rshunt
RESISTOR TABLE
S556-9003-11
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
S556-9003-13
53.6
316
53.6
316
49.9
-C-
49.9
N/A
S556-9003-14
61.9
422
61.9
422
49.9
-C-
49.9
1.21K
R1
R2
R3
R4
R5
R7
Rs
Part No.
Pin1
Pin2
Pin3
Pin4
Pin5
Pin6
Pin7
Rshunt
S556-9003-30
49.9
-C-
49.9
53.6
316
316
53.6
N/A
S556-9003-33
49.9
-C-
49.9
287
68.1
287
68.1
N/A
S556-9003-34
49.9
-C-
49.9
287
68.1
68.1
287
N/A
S556-9003-36
49.9
-C-
49.9
N/A
47.5
N/A
47.5
N/A
R1
R3
R4
R5
R6
R7
Rs
Part No.
Pin1
Pin2
Pin3
Pin4
Pin5
Pin6
Pin7
Rshunt
S556-9003-54
20
133
20
133
49.9
-C-
49.9
N/A
R1
R2
R3
R4
R5
R7
Rs
Part No.
Pin1
Pin2
Pin3
Pin4
Pin5
Pin6
Pin7
Rshunt
Note: C=Center
L102


Similar Part No. - S556-9003-15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S556-1060-01 BEL-S556-1060-01 Datasheet
586Kb / 4P
   HIGH SPEED LAN MAGNETICS
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
S556-2793-00 BEL-S556-2793-00 Datasheet
223Kb / 2P
   10BASE-T/FIBER APPLICATION FILTER MODULE
S556-2793-00 BEL-S556-2793-00 Datasheet
78Kb / 4P
   10BASE-T LAN MAGNETICS
S556-2793-01 BEL-S556-2793-01 Datasheet
223Kb / 2P
   10BASE-T/FIBER APPLICATION FILTER MODULE
More results

Similar Description - S556-9003-15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0556-2006-24 BEL-0556-2006-24 Datasheet
246Kb / 2P
   10BASE-T NETWORK COMPONENTS FILTER MODULES
S553-3873-17 BEL-S553-3873-17 Datasheet
388Kb / 2P
   10BASE-T NETWORK COMPONENTS
S553-5999-83 BEL-S553-5999-83 Datasheet
524Kb / 2P
   10BASE-T NETWORK COMPONENTS QUAD 4-PORT MODULES
logo
Delta Electronics, Inc.
LANF72761 DELTA-LANF72761 Datasheet
55Kb / 1P
   ETHERNET 10BASE-T PCMCIA TRANSFORMER MODULES
logo
Datatronic Distribution...
PT21311 DATATRONICS-PT21311 Datasheet
58Kb / 1P
   10BASE-T Isolation Modules in PCMCIA package
logo
PCA ELECTRONICS INC.
EPE6379SE PCA-EPE6379SE Datasheet
22Kb / 1P
   10Base-T Interface PCMCIA Module
EPE6172AS-M PCA-EPE6172AS-M Datasheet
23Kb / 1P
   10Base-T PCMCIA Interface Module
EPE6358S PCA-EPE6358S Datasheet
179Kb / 1P
   10Base-T PCMCIA Interface Module
EPE6309S PCA-EPE6309S Datasheet
190Kb / 1P
   PCMCIA 10Base-T Isolation Module
EPE6379S PCA-EPE6379S Datasheet
21Kb / 1P
   10Base-T Interface PCMCIA Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com