Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6360XC-D Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU6360XC-D
Description  High Drive Fundamental Quartz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6360XC-D Datasheet(HTML) 1 Page - New Japan Radio

  NJU6360XC-D Datasheet HTML 1Page - New Japan Radio NJU6360XC-D Datasheet HTML 2Page - New Japan Radio NJU6360XC-D Datasheet HTML 3Page - New Japan Radio NJU6360XC-D Datasheet HTML 4Page - New Japan Radio NJU6360XC-D Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2003/01/29 ( 1 / 5 )
NJU6360 Series
High Drive Fundamental Quartz Crystal Oscillator
sGENERAL DESCRIPTION
sPACKAGE OUTLINE
The NJU6360 series is a C-MOS fundamental quartz crystal
oscillator that consists of an oscillation amplifier, 3-stage
divider and 3-state output buffer.
The 5-stage divider generates only one frequency selected
of f0,f0/2,f0/4 f0/8, f0/16 and f0/32 by internal circuits is output.
The oscillation amplifier is realized very low stand-by
current using NAND circuit.
The 3-state output buffer is C-MOS compatible and can
drive 50pF(@5V) C-MOS load.
sFEATURES
sPAD LOCATION
qOperating Voltage
2.7 to 5.5V
qMaximum Oscillation Frequency 50MHz
qLow Operating Current
qHigh Fan-out
IOH/IOL=8mA@3.3V
IOH/IOL=16mA@5.0V
q5-Stage Divider
Maximum Divider f0/32
qOscillation Stop and Output Stand-by Function
q3-State Output Buffer
qOscillation Capacitors Cg and Cg on-chip
qPackage Outline
Thin-Chip
qC-MOS Technology
sLINE-UP TABLE
sCOORDINATES
Starting Point:Chip Center
Unit[um]
Chip Size:0.7x0.75mm
Thin-Chip Thickness(-D):200
±20um
Pad Size:90x90um
sBLOCK DIAGRAM
Type No.
FOUT
Internal Connect
Cg/Cd
A
f0
Connected A Line
15/15pF
B
f0/2
Connected B Line
15/15pF
C
f0/4
Connected C Line
15/15pF
D
f0/8
Connected D Line
15/15pF
E
f0/16
Connected E Line
15/15pF
NJU6360
F
f0/32
Connected F Line
15/15pF
No
Pad Name
X
Y
1
CONT
-178
231
2
XT
-178
77
3
XT
-178
-77
4VSS
-178
-231
5FOUT
206
-231
6VDD
206
231
NJU6360XC-D
Thin-Chip
CONT
XT
VSS
FOUT
XT
VDD
CONT
XT
XT
Cg
Cd
Rf
2
/
12
/
12
/
12
/
12
/
1
AB
CD
E
F
BUFFER
STATE
3
OUT
F
DD
V
SS
V
PRELIMINARY


Similar Part No. - NJU6360XC-D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6361A NJRC-NJU6361A Datasheet
162Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6361AC NJRC-NJU6361AC Datasheet
162Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6361AE NJRC-NJU6361AE Datasheet
162Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6362A NJRC-NJU6362A Datasheet
149Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR?
NJU6362AC NJRC-NJU6362AC Datasheet
149Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR?
More results

Similar Description - NJU6360XC-D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6363 NJRC-NJU6363 Datasheet
100Kb / 6P
   Fundamental Quartz Crystal Oscillator
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
   1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6215 NJRC-NJU6215 Datasheet
111Kb / 7P
   Low Operating Current Fundamental Quartz Crystal Oscillator IC
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
   Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com