Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V70810TF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72V70810TF
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70810TF Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V70810TF Datasheet HTML 1Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 2Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 3Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 4Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 5Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 6Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 7Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 8Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT72V70810 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 1,024 x 1,024
PIN DESCRIPTION
SYMBOL
NAME
I/O
DESCRIPTION
GND
Ground.
Ground Rail.
Vcc
Vcc
+3.3 Volt Power Supply.
TX0-7
TX Output 0 to 7
O
Serial data output stream. These streams have a data rate of 8.192 Mb/s.
(Three-state Outputs)
RX0-7
RX Input 0 to 7
I
Serial data input stream. These streams have a data rate of 8.192 Mb/s.
F0i
Frame Pulse
I
When the WFPS pin is LOW, this input accepts and automatically identifies frame synchronization signals formatted
according to ST-BUS® and GCI specifications. When the WFPS pin is HIGH, this pin accepts a negative frame
pulse which conforms to WFPS formats.
FE/HCLK Frame Evaluation/
I
When the WFPS pin is LOW, this pin is the frame measurement input. When the WFPS pin is HIGH, the HCLK
HCLK Clock
(4.096 MHz clock) is required for frame alignment in the wide frame pulse (WFP) mode.
CLK
Clock
I
Serial clock for shifting data in/out on the serial streams (RX/TX 0-7). This input accepts a 16.384 MHz clock.
RESET
Device Reset
I
This input (active LOW) puts the IDT72V70810 in its reset state that clears the device internal counters, registers
(Schmitt Trigger Input)
and brings TX0-7 and microport data outputs to a high-impedance state. The time constant for a power
up reset circuit must be a minimum of five times the rise time of the power supply. In normal operation, the
RESET pin must be held LOW for a minimum of 100ns to reset the device.
WFPS
Wide Frame
I
When 1, enables the wide frame pulse (WFP) Frame Alignment interface. When 0, the device operates in
Pulse Select
ST-BUS®/GCI mode.
A0-7
Address 0-7
I
When non-multiplexed CPU bus operation is selected, these lines provide the A0-A7 address lines to the internal
memories.
DS/
RD
Data Strobe/Read
I
For Motorola multiplexed bus operation, this input is DS. This active HIGH DS input works in conjunction with
CS
to enable the read and write operations. For Motorola non-multiplexed CPU bus operation, this input is DS. This
active LOW input works in conjunction with
CS to enable the read and write operations. For Intel multiplexed bus
operation, this input is
RD. This active LOW input sets the data bus lines (AD0-7, D8-15) as outputs.
R/
W / WR Read/Write / Write
I
In the cases of Motorola non-multiplexed and multiplexed bus operations, this input is R/
W. This input controls
the direction of the data bus lines (AD0-7, D8-15) during a microprocessor access. For Intel multiplexed bus
operation, this input is
WR. This active LOW input is used with RD to control the data bus (AD0-7) lines as inputs.
CS
Chip Select
I
Active LOW input used by a microprocessor to activate the microprocessor port of IDT72V70810.
AS/ALE
Address Strobe or
I
This input is used if multiplexed bus operation is selected via the IM input pin. For Motorola non-multiplexed
Latch Enable
bus operation, connect this pin to ground.
IM
CPU Interface Mode
I
When IM is HIGH, the microprocessor port is in the multiplexed mode. When IM is LOW, the microprocessor
port is in non-multiplexed mode.
AD0-7
Address/Data Bus 0 to 7 I/O
These pins are the eight least significant data bits of the microprocessor port. In multiplexed mode, these pins
are also the input address bits of the microprocessor port.
D8-15
Data Bus 8-15
I/O
These pins are the eight most significant data bits of the microprocessor port.
DTA
Data Transfer
O
This active LOW output signal indicates that a data bus transfer is complete. When the bus cycle ends, this pin
Acknowledgment
drives HIGH and then goes high-impedance, allowing for faster bus cycles with a weaker pull-up resistor. A
pull-up resistor is required to hold a HIGH level when the pin is in high-impedance.
CCO
Control Output
O
This is a 16.384 Mb/s output containing 2.048 bits per frame respectively. The level of each bit is determined
by the CCO bit in the connection memory. See External Drive Control Section.
ODE
Output Drive Enable
I
This is the output enable control for the TX0 to TX7 serial outputs. When ODE input is LOW and the OSB
bit of the IMS register is LOW, TX0-7 are in a high-impedance state. If this input is HIGH, the TX0-7
output drivers are enabled. However, each channel may still be put into a high-impedance state by using
the per channel control bit in the connection memory.


Similar Part No. - IDT72V70810TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70800 IDT-IDT72V70800 Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
logo
Integrated Device Techn...
IDT72V70800PF IDT-IDT72V70800PF Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800PFG RENESAS-IDT72V70800PFG Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
logo
Integrated Device Techn...
IDT72V70800TF IDT-IDT72V70800TF Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
More results

Similar Description - IDT72V70810TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V70810 RENESAS-72V70810 Datasheet
782Kb / 24P
   3.3 VOLT Time SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JUNE 9, 2014
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
logo
Integrated Device Techn...
IDT72V70210 IDT-IDT72V70210 Datasheet
119Kb / 19P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com