Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6417CH Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6417CH
Description  Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6417CH Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6417CH Datasheet HTML 1Page - Fairchild Semiconductor FMS6417CH Datasheet HTML 2Page - Fairchild Semiconductor FMS6417CH Datasheet HTML 3Page - Fairchild Semiconductor FMS6417CH Datasheet HTML 4Page - Fairchild Semiconductor FMS6417CH Datasheet HTML 5Page - Fairchild Semiconductor FMS6417CH Datasheet HTML 6Page - Fairchild Semiconductor FMS6417CH Datasheet HTML 7Page - Fairchild Semiconductor FMS6417CH Datasheet HTML 8Page - Fairchild Semiconductor FMS6417CH Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 2a December 2003
3
FMS6417
DATA SHEET
High Definition Electrical Specifications
(TC = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 1,
all inputs DC coupled, all outputs AC coupled; unless otherwise noted)
Absolute Maximum Ratings (beyond which the device may be damaged)
Recommended Operating Conditions
Notes:
1. 100% tested at 25°C.
2. Sustained circuit protection limited to 10 seconds.
3. VCC, VCCMOD, and VCCOMOD all connected to same supply.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVRGBHD
RGB HD Gain1
R,G,B channels HD Mode
5.3
6.0
6.6
dB
f1dBHD
-1dB Bandwidth for HD1
R,G,B channels
16
20
MHz
fCHD
-3dB Bandwidth for HD
R,G,B channels
32
MHz
fSBHD
Attenuation: HD (stopband reject)1
R,G,B channels at f = 74.25MHz
25
30
dB
XTALKRGB
Crosstalk
channel-to-channel RGB
-68
dB
INMUXISO
INMUX Isolation
at 1MHz
-90
dB
SNR
Signal-to-Noise Ratio
R,G,B channels
72
dB
tpdHD
Prop Delay for HD
Delay from input to output at 16MHz
20
ns
∆tpdHD
Group Delay
from 400kHz to 30MHz
5ns
Parameter
Min
Max
Units
DC Supply Voltage
-0.3
7.0
V
Analog and Digital I/O
VSS -0.3
VCC +0.3
V
Output Current RGB Channels2
120
mA
Output Current CV Channels2
120
mA
Output Current C,Y Channels2
120
mA
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
260
°C
Thermal Resistance (ΘJA)
47.9
°C/W
Parameter
Min
Typ
Max
Units
Operating Temperature Range
0
70
°C
VCCO Range
3
4.75
5.0
5.25
V
VCCA Range
3.135
3.3
3.465
V
VCCMOD Range
3
4.75
5.0
5.25
V
VCCOMOD Range
3
4.75
5.0
5.25
V


Similar Part No. - FMS6417CH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417ACHX_NL FAIRCHILD-FMS6417ACHX_NL Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417ACH_NL FAIRCHILD-FMS6417ACH_NL Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
More results

Similar Description - FMS6417CH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6366 FAIRCHILD-FMS6366 Datasheet
517Kb / 7P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Analog Devices
ADA4410-6 AD-ADA4410-6 Datasheet
457Kb / 16P
   Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
REV. B
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
Analog Devices
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
   Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
REV. 0
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com