Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV153DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV153DB
Description  Dual 4-input multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV153DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV153DB Datasheet HTML 3Page - NXP Semiconductors 74LV153DB Datasheet HTML 4Page - NXP Semiconductors 74LV153DB Datasheet HTML 5Page - NXP Semiconductors 74LV153DB Datasheet HTML 6Page - NXP Semiconductors 74LV153DB Datasheet HTML 7Page - NXP Semiconductors 74LV153DB Datasheet HTML 8Page - NXP Semiconductors 74LV153DB Datasheet HTML 9Page - NXP Semiconductors 74LV153DB Datasheet HTML 10Page - NXP Semiconductors 74LV153DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74LV153
Dual 4-input multiplexer
1998 Apr 28
7
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL =KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
85
tPHL/tPLH
Propagation delay
1l to nY;
Figures 1 2
2.0
29
56
66
ns
tPHL/tPLH
1ln to nY;
2ln to nY
Figures 1, 2
2.7
21
41
49
ns
n
3.0 to 3.6
162
33
39
1.2
90
tPHL/tPLH
Propagation delay
Figures 1 2
2.0
31
58
70
ns
tPHL/tPLH
gy
Sn to nY
Figures 1, 2
2.7
23
43
51
ns
3.0 to 3.6
172
34
41
1.2
60
tPHL/tPLH
Propagation delay
Figures 1 2
2.0
20
39
46
ns
tPHL/tPLH
gy
nE to nY
Figures 1, 2
2.7
15
29
34
ns
3.0 to 3.6
112
23
27
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5 V × VCC at VCC < 2.7 V;
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00542
V M
1I n, 2I n
INPUT
nY OUTPUT
V M
t PLH
t PHL
GND
V I
V OL
V OH
Figure 1.
Input (1ln, 2ln) to output (1Y, 2Y)
propagation delays.
SV00543
V M
Sn, nE
INPUT
nY OUTPUT
V M
tPLH
tPHL
GND
V I
V OL
V OH
Figure 2.
Select input (S0, S1) and the output enable input (E)
to output (nYn) propagation delays.
TEST CIRCUIT
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL = 1k
VCC
Test Circuit for switching times
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
tPLH/tPHL
RT = Termination resistance should be equal to ZOUT of pulse generators.
50pF
SV00901
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
2.7–3.6V
2.7V
Figure 3.
Load circuitry for switching times.


Similar Part No. - 74LV153DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
74LV154D PHILIPS-74LV154D Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
74LV154DB PHILIPS-74LV154DB Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
74LV154N PHILIPS-74LV154N Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
74LV154PW PHILIPS-74LV154PW Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
More results

Similar Description - 74LV153DB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com