Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-0984 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-0984
Description  Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-0984 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-0984 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Mechanical
These displays are hermetically
sealed for use in environments
that require a high reliability
device. These displays are
designed and tested to meet a
helium leak rate of
5x10-8 cc/sec.
These displays may be mounted
by soldering directly to a printed
circuit board or insertion into a
socket. The lead-to-lead pin
spacing is 2.54 mm (0.100 inch)
and the lead row spacing is 15.24
mm (0.600 inch). These displays
may be end stacked with 2.54
mm (0.100 inch) spacing
between outside pins of adjacent
displays. Sockets such as Augat
324-AG2D (3 digits) or Augat
508-AG8D (one digit, right angle
mounting) may be used.
The primary thermal path for
power dissipation is through the
device leads. Therefore, to insure
reliable operation up to an
ambient temperature of +100
°C,
it is important to maintain a
base-to-ambient thermal
resistance of less than
35
°C watt/device as measured on
top of display pin 3.
For further information on
soldering and post solder
cleaning, see Application Note
1027, Soldering LED
Components
.
Preconditioning
These displays are 100% pre-
conditioned by 24 hour storage at
125
°C, at 100°C for the HDSP-
098x Series.
Contrast Enhancement
These display devices are
designed to provide an optimum
ON/OFF contrast when placed
behind an appropriate contrast
enhancement filter. For further
information on contrast
enhancement, see Application
Note 1015, Contrast
Enhancement for LED
Displays.
Over Range Display
The over range devices display
±1” and decimal point. The
character height and package
configuration are the same as the
numeric and hexadecimal
devices. Character selection is
obtained via external switching
transistors and current limiting
resistors.
Absolute Maximum Ratings
Description
Symbol
Min
Max
Unit
Storage Temperature, Ambient
TS
–65
+125
°C
Operating Temperature, Ambient
TA
–55
+100
°C
Forward Current, Each LED
IF
10
mA
Reverse Voltage, Each LED
VR
5V


Similar Part No. - HDSP-0984

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0984 AVAGO-HDSP-0984 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0984 AVAGO-HDSP-0984 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results

Similar Description - HDSP-0984

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com