Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSG1001 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSG1001
Description  SiGeHBT High Frequency Low Noise Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1001 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSG1001 Datasheet HTML 1Page - Renesas Technology Corp HSG1001 Datasheet HTML 2Page - Renesas Technology Corp HSG1001 Datasheet HTML 3Page - Renesas Technology Corp HSG1001 Datasheet HTML 4Page - Renesas Technology Corp HSG1001 Datasheet HTML 5Page - Renesas Technology Corp HSG1001 Datasheet HTML 6Page - Renesas Technology Corp HSG1001 Datasheet HTML 7Page - Renesas Technology Corp HSG1001 Datasheet HTML 8Page - Renesas Technology Corp HSG1001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
HSG1001
Rev.1.00, Apr.08.2004, page 2 of 37
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
DC current transfer ratio
hFE
100
200
300
VCE = 2 V, IC = 5 mA
Reverse Transfer Capacitance
Cre
0.08
pF
VCB = 2 V, IE = 0, f = 1 MHz
Transition Frequency
fT
35
GHz
VCE = 2 V, IC = fT peak, f = 1 GHz
Insertion power gain
|S21|
2
19
dB
VCE = 2 V, IC = 5 mA, f = 1.8 GHz
17
VCE = 2 V, IC = 5 mA, f = 2.4 GHz
11
VCE = 2 V, IC = 10 mA, f = 5.8 GHz
Maximum Stable Gain
Note1
MSG
22
dB
VCE = 2 V, IC = 5 mA, f = 1.8 GHz
21
VCE = 2 V, IC = 5 mA, f = 2.4 GHz
15
VCE = 2 V, IC = 10 mA, f = 5.8 GHz
Power Gain
PG
19.5
dB
VCE = 2 V, IC = 5 mA, f = 1.8 GHz
18
VCE = 2 V, IC = 5 mA, f = 2.4 GHz
8.5
11.5
VCE = 2 V, IC = 10 mA, f = 5.8 GHz
Noise figure
NF
0.75
dB
VCE = 2 V, IC = 5 mA, f = 1.8 GHz
0.85
VCE = 2 V, IC = 5 mA, f = 2.4 GHz
1.3
1.9
VCE = 2 V, IC = 10 mA, f = 5.8 GHz
Maximum Available Gain
Note2
MAG
13
dB
VCE = 2 V, IC = 10 mA, f = 5.8 GHz
Notes: 1. MSG = |S21| / |S12|
2. MAG = |S21| / |S12|(K-(K
2-1)1/2)


Similar Part No. - HSG1001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSG1002 RENESAS-HSG1002 Datasheet
450Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1002VE RENESAS-HSG1002VE Datasheet
450Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
   High Frequency Low Noise Amplifier
HSG1003VE RENESAS-HSG1003VE Datasheet
478Kb / 38P
   High Frequency Low Noise Amplifier
More results

Similar Description - HSG1001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSG1002 RENESAS-HSG1002 Datasheet
450Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
   High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3358 UTC-2SC3358_15 Datasheet
72Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
   High Frequency Low Noise Amplifier
logo
Sanyo Semicon Device
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
   High-Frequency Low-Noise Amplifier
CPH6021 SANYO-CPH6021_12 Datasheet
572Kb / 12P
   High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com