Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1307AV25-133BZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1307AV25-133BZC
Description  18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1307AV25-133BZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1307AV25-133BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1307AV25-133BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1307AV25-133BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1307AV25-133BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1307AV25-133BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1307AV25-133BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1307AV25-133BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1307AV25-133BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1307AV25-133BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
PRELIMINARY
CY7C1305AV25
CY7C1307AV25
Document #: 38-05496 Rev. *A
Page 5 of 21
Introduction
Functional Overview
The
CY7C1305AV25/CY7C1307AV25
are
synchronous
pipelined Burst SRAMs equipped with both a Read port and a
Write port. The Read port is dedicated to Read operations and
the Write Port is dedicated to Write operations. Data flows into
the SRAM through the Write port and out through the Read
port. These devices multiplex the address inputs in order to
minimize the number of address pins required. By having
separate Read and Write ports, the device completely elimi-
nates the need to “turn-around” the data bus and avoids any
possible data contention, thereby simplifying system design.
Each access consists of four 18-bit data transfers in the case
of CY7C1305AV25 and four 36-bit data transfers in the case
of CY7C1307AV25, in two clock cycles.
Accesses for both ports are initiated on the rising edge of the
positive input clock (K). All synchronous input timing is refer-
enced from the rising edge of the input clocks (K and K) and
all output timing is referenced to the rising edge of output
clocks (C and C, or K and K when in single clock mode).
All synchronous data inputs (D[x:0]) pass through input
registers controlled by the rising edge of input clocks (K and
K). All synchronous data outputs (Q[x:0]) pass through output
registers controlled by the rising edge of the output clocks (C
and C, or K and K when in single clock mode).
All synchronous control (RPS, WPS, BWS[0:x]) inputs pass
through input registers controlled by the rising edge of input
clocks (K and K).
CY7C1305AV25 is described in the following sections. The
same basic descriptions apply to CY7C1307AV25.
Read Operations
The CY7C1305AV25 is organized internally as 4 arrays of
256K x 18. Accesses are completed in a burst of four
sequential 18-bit data words. Read operations are initiated by
asserting RPS active at the rising edge of the Positive Input
Clock (K). The address presented to Address inputs are stored
in the Read address register. Following the next K clock rise
the corresponding lowest order 18-bit word of data is driven
onto the Q[17:0] using C as the output timing reference. On the
subsequent rising edge of C the next 18-bit data word is driven
onto the Q[17:0]. This process continues until all four 18-bit data
words have been driven out onto Q[17:0]. The requested data
will be valid 2.5 ns from the rising edge of the output clock
(C and C, or K and K when in single clock mode, 167-MHz
device). In order to maintain the internal logic, each Read
access must be allowed to complete. Each Read access
consists of four 18-bit data words and takes 2 clock cycles to
complete. Therefore, Read accesses to the device can not be
initiated on two consecutive K clock rises. The internal logic of
the device will ignore the second Read request. Read
accesses can be initiated on every other K clock rise. Doing
so will pipeline the data flow such that data is transferred out
of the device on every rising edge of the output clocks (C and
C, or K and K when in single clock mode).
When the read port is deselected, the CY7C1305AV25 will first
complete the pending read transactions. Synchronous internal
circuitry will automatically three-state the outputs following the
next rising edge of the positive output clock (C). This will allow
for a seamless transition between devices without the
insertion of wait states in a depth expanded memory.
Write Operations
Write operations are initiated by asserting WPS active at the
rising edge of the positive input clock (K). On the following K
clock rise the data presented to D[17:0] is latched and stored
into the lower 18-bit Write Data register provided BWS[1:0] are
both asserted active. On the subsequent rising edge of the
negative input clock (K) the information presented to D[17:0] is
also stored into the Write Data Register provided BWS[1:0] are
both asserted active. This process continues for one more
cycle until four 18-bit words (a total of 72 bits) of data are
stored in the SRAM. The 72 bits of data are then written into
the memory array at the specified location. Therefore, Write
accesses to the device can not be initiated on two consecutive
K clock rises. The internal logic of the device will ignore the
second Write request. Write accesses can be initiated on
every other rising edge of the positive clock (K). Doing so will
pipeline the data flow such that 18-bits of data can be trans-
ferred into the device on every rising edge of the input clocks
(K and K).
NC/36M
N/A
Address expansion for 36M. This is not connected to the die. Can be connected to any
voltage level on CY7C1305AV25/CY7C1307AV25.
GND/72M
Input
Address expansion for 72M. This should be tied LOW on the CY7C1305AV25.
NC/72M
N/A
Address expansion for 72M. This can be connected to any voltage level on
CY7C1307AV25.
GND/144M
Input
Address expansion for 144M. This should be tied LOW on
CY7C1305AV25/CY7C1307AV25.
GND/288M
Input
Address expansion for 144M. This should be tied LOW on CY7C1307AV25.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs
and Outputs as well as AC measurement points.
VDD
Power Supply
Power supply inputs to the core of the device
VSS
Ground
Ground for the device
VDDQ
Power Supply
Power supply inputs for the outputs of the device
NC
N/A
Not connected to the die. Can be tied to any voltage level.
Pin Definitions (continued)
Name
I/O
Description


Similar Part No. - CY7C1307AV25-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1307AV18 CYPRESS-CY7C1307AV18 Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1307AV18-100BZC CYPRESS-CY7C1307AV18-100BZC Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1307AV18-133BZC CYPRESS-CY7C1307AV18-133BZC Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1307AV18-167BZC CYPRESS-CY7C1307AV18-167BZC Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
More results

Similar Description - CY7C1307AV25-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV18 CYPRESS-CY7C1305BV18 Datasheet
244Kb / 20P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305AV18 CYPRESS-CY7C1305AV18 Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com