Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT76ASDC9VS0.25 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT76ASDC9VS0.25
Description  Super light in weight. / Switching capacity up to 16A.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT76ASDC9VS0.25 Datasheet(HTML) 2 Page - DB Lectro Inc

  NT76ASDC9VS0.25 Datasheet HTML 1Page - DB Lectro Inc NT76ASDC9VS0.25 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 1500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 20
’)
IEC68-2-3Test Ca
Mass
10g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL
T
üV
Load
1A 16A/250VAC 1C 10A/250VAC
16A/250VAC;14VDC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NT76
Dimensions
Wiring diagram
(Bottom views)
mm
>àçÇá
0.3
0.012
0.4
0.016
0.6
0.024
0.9
0.035
1.1
0.043
1.3
0.051
2.26
0.089
3.9
0.153
7.62
0.300
10.16
0.400
11.0
0.433
12.7
0.500
16.6
0.653
17.78
0.700
22.3
0.878
Mounting (Bottom views)
www.dblectro.com


Similar Part No. - NT76ASDC9VS0.25

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76ASCD100VC DBLECTRO-NT76ASCD100VC Datasheet
538Kb / 2P
   Switching capacity up to 16A
NT76ASCD100VS DBLECTRO-NT76ASCD100VS Datasheet
538Kb / 2P
   Switching capacity up to 16A
NT76ASCD12VC DBLECTRO-NT76ASCD12VC Datasheet
538Kb / 2P
   Switching capacity up to 16A
NT76ASCD12VS DBLECTRO-NT76ASCD12VS Datasheet
538Kb / 2P
   Switching capacity up to 16A
NT76ASCD18VC DBLECTRO-NT76ASCD18VC Datasheet
538Kb / 2P
   Switching capacity up to 16A
More results

Similar Description - NT76ASDC9VS0.25

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT77 DBLECTRO-NT77 Datasheet
310Kb / 2P
   Super light in weight. / Switching capacity up to 12A.
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
   Switching capacity up to 16A.
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
   Switching capacity up to 20A Small size and light weight
J151 CIT-J151 Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
logo
DB Lectro Inc
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
   Low coil consumption. / Switching capacity up to 16A.
logo
HuaXinAn Electronics CO...
NT77 HUAXINAN-NT77 Datasheet
490Kb / 1P
   Super light in weight
NT76C HUAXINAN-NT76C Datasheet
524Kb / 1P
   Super light in weight
NT76A HUAXINAN-NT76A Datasheet
524Kb / 1P
   Super light in weight
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
   Switching capacity 16A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com