Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4354 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4354
Description  250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4354 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4354 Datasheet HTML 6Page - Texas Instruments OPA4354 Datasheet HTML 7Page - Texas Instruments OPA4354 Datasheet HTML 8Page - Texas Instruments OPA4354 Datasheet HTML 9Page - Texas Instruments OPA4354 Datasheet HTML 10Page - Texas Instruments OPA4354 Datasheet HTML 11Page - Texas Instruments OPA4354 Datasheet HTML 12Page - Texas Instruments OPA4354 Datasheet HTML 13Page - Texas Instruments OPA4354 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
OPA354
OPA2354
OPA4354
SBOS233D − MARCH 2002− REVISED FEBRUARY 2005
www.ti.com
10
TYPICAL CHARACTERISTICS (continued)
At TA = +25
°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS/2, unless otherwise noted.
OUTPUT SETTLING TIME TO 0.1%
Time (ns)
30
40
10
20
100
50
60
70
80
90
0
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
V
O =2VPP
OPEN−LOOP GAIN vs TEMPERATURE
Temperature (
_C)
65
85
105
525
45
135
125
−55 −35 −15
120
110
100
90
80
70
R
L =1kΩ
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
−6
−7
−8
−5 −4 −3 −2 −1 0 12 34 5 6 7 8
COMMON−MODE REJECTION RATIO AND
POWER−SUPPLY REJECTION RATIO vs TEMPERATURE
Temperature (
_C)
65
85
105
525
45
135
125
−55 −35 −15
100
90
80
70
60
50
Power−Supply Rejection Ratio
Common−Mode Rejection Ratio
CHANNEL−TO−CHANNEL CROSSTALK
Frequency (Hz)
10M
1M
1G
100M
100k
0
−20
−40
−60
−80
−100
−120
OPA4354
OPA2354


Similar Part No. - OPA4354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354 TI1-OPA4354 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354 TI1-OPA4354 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354 TI1-OPA4354 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354 TI1-OPA4354 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA4354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com