Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA354AIDDAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA354AIDDAR
Description  250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA354AIDDAR Datasheet(HTML) 2 Page - Texas Instruments

  OPA354AIDDAR Datasheet HTML 1Page - Texas Instruments OPA354AIDDAR Datasheet HTML 2Page - Texas Instruments OPA354AIDDAR Datasheet HTML 3Page - Texas Instruments OPA354AIDDAR Datasheet HTML 4Page - Texas Instruments OPA354AIDDAR Datasheet HTML 5Page - Texas Instruments OPA354AIDDAR Datasheet HTML 6Page - Texas Instruments OPA354AIDDAR Datasheet HTML 7Page - Texas Instruments OPA354AIDDAR Datasheet HTML 8Page - Texas Instruments OPA354AIDDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPA354
OPA2354
OPA4354
SBOS233D − MARCH 2002− REVISED FEBRUARY 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V−
7.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals Voltage(2)
(V−) − (0.5V) to (V+) + (0.5V)
. . . .
Current(2)
10mA
. . . . . . . . . . . . . . . . . . . . . .
Output Short-Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply
rails should be current limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
OPA354
SO-8 PowerPAD
DDA
−40
°C to +125°C
OPA354A
OPA354AIDDA
Rails, 97
OPA354AIDDAR
Tape and Reel, 2500
OPA354
SOT23-5
DBV
−40
°C to +125°C
OABI
OPA354AIDBVT
Tape and Reel, 250
OPA354AIDBVR
Tape and Reel, 3000
OPA2354
SO-8 PowerPAD
DDA
−40
°C to +125°C
OPA2354A
OPA2354AIDDA
Rails, 97
OPA2354AIDDAR
Tape and Reel, 2500
OPA2354
MSOP-8
DGK
−40
°C to +125°C
OACI
OPA2354AIDGKT
Tape and Reel, 250
OPA2354AIDGKR
Tape and Reel, 2500
OPA4354
SO-14
D
−40
°C to +125°C
OPA4354A
OPA4354AID
Rails, 58
OPA4354AIDR
Tape and Reel, 2500
OPA4354
TSSOP-14
PW
−40
°C to +125°C
OPA4354A
OPA4354AIPWT
Tape and Reel, 250
OPA4354AIPWR
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.


Similar Part No. - OPA354AIDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDDAR TI1-OPA354AIDDAR Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA354AIDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com