Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79925DDCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79925DDCT
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79925DDCT Datasheet(HTML) 5 Page - Texas Instruments

  TPS79925DDCT Datasheet HTML 1Page - Texas Instruments TPS79925DDCT Datasheet HTML 2Page - Texas Instruments TPS79925DDCT Datasheet HTML 3Page - Texas Instruments TPS79925DDCT Datasheet HTML 4Page - Texas Instruments TPS79925DDCT Datasheet HTML 5Page - Texas Instruments TPS79925DDCT Datasheet HTML 6Page - Texas Instruments TPS79925DDCT Datasheet HTML 7Page - Texas Instruments TPS79925DDCT Datasheet HTML 8Page - Texas Instruments TPS79925DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.5
3.5
4.5
5.5
6.5
V
IN (V)
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
7.5
I
OUT = 100mA
TJ = +125°C
TJ = +85°C
TJ = −40°C
TJ = +25°C
0
50
100
150
200
I
OUT (mA)
28.50
21.38
14.25
7.13
0
−7.13
−14.25
−21.38
−28.50
TJ = +125°C
TJ = +85°C
TJ = −40°C
TJ = +25°C
200
180
160
140
120
100
80
60
40
20
0
0
50
100
150
200
I
OUT (mA)
T
J = +85_ C
T
J = − 40_ C
T
J = +125_ C
T
J = +25_ C
TJ (°C)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
I
OUT = 100mA
I
OUT = 200mA
I
OUT = 1mA
−40 −25
5
35
65
95
50
125
−15
20
80
110
110
100
90
80
70
60
50
40
30
20
10
0
2.5
3.0
3.5
4.0
5.0
6.0
7.0
4.5
5.5
6.5
V
IN (V)
I
OUT = 200mA
TJ (°C)
200
180
160
140
120
100
80
60
40
20
0
5
35
65
95
50
125
20
80
110
I
OUT = 100mA
I
OUT = 200mA
I
OUT = 1mA
−40 −25 −15
TPS799xx
SBVS056G – JANUARY 2005 – REVISED AUGUST 2006
Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA, VEN = VIN,
COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS79901, VOUT = 3.0V. Typical values are at TJ = +25°C.
LOAD REGULATION
LINE REGULATION
Figure 3.
Figure 4.
OUTPUT VOLTAGE vs
TPS799285 DROPOUT VOLTAGE vs
JUNCTION TEMPERATURE
OUTPUT CURRENT
Figure 5.
Figure 6.
TPS799285 DROPOUT VOLTAGE vs
TPS79901 DROPOUT vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
5
Submit Documentation Feedback


Similar Part No. - TPS79925DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79925DDCT TI-TPS79925DDCT Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79925DDCT TI-TPS79925DDCT Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCT TI-TPS79925DDCT Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCT TI-TPS79925DDCT Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCT TI-TPS79925DDCT Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79925DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com