Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT90RHCDAC24VCF0.6 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # NT90RHCDAC24VCF0.6
Description  Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90RHCDAC24VCF0.6 Datasheet(HTML) 3 Page - DB Lectro Inc

  NT90RHCDAC24VCF0.6 Datasheet HTML 1Page - DB Lectro Inc NT90RHCDAC24VCF0.6 Datasheet HTML 2Page - DB Lectro Inc NT90RHCDAC24VCF0.6 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Safety approvals
Safety approval
UL
T
üV
CCEE
Load
No:40A/250VAC 30A/277VAC
Nc:30A/250VAC 20A/277VAC
2HP 250VAC
TV-5
11/2HP 250VAC
Insulation
B-class
F-class
No 40A/240VAC 14VDC
Nc
30A/240VAC
14VDC
Insulation
B-class
F-class
No 30A/240VAC
Nc 20A/240VAC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Dimensions
Mounting (Bottom views)
Wiring diagram(Bottom views)
mm
inch
0.5
0.020
0.7
0.027
0.8
0.031
1.1
0.043
1.2
0.047
1.5
0.059
2.1
0.083
2.4
0.094
2.54
0.100
3.3
0.130
3.7
0.146
3.8
0.150
5.3
0.209
7.7
0.303
8.9
0.350
12.5
0.492
14
0.551
15.4
0.606
17
0.669
17.8
0.701
18.4
0.724
20
0.787
22.4
0.882
24.2
0.953
27.6
1.087
30.5
1.201
32.5
1.279
105
www.dblectro.com


Similar Part No. - NT90RHCDAC24VCF0.6

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT90RH1ADDC110V DBLECTRO-NT90RH1ADDC110V Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
NT90RH1ADDC12V DBLECTRO-NT90RH1ADDC12V Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
NT90RH1ADDC15V DBLECTRO-NT90RH1ADDC15V Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
NT90RH1ADDC18V DBLECTRO-NT90RH1ADDC18V Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
NT90RH1ADDC24V DBLECTRO-NT90RH1ADDC24V Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results

Similar Description - NT90RHCDAC24VCF0.6

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP Datasheet
178Kb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
HuaXinAn Electronics CO...
NT90T-B HUAXINAN-NT90T-B Datasheet
1Mb / 3P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
HuaXinAn Electronics CO...
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
logo
DB Lectro Inc
JMX-94F DBLECTRO-JMX-94F_05 Datasheet
2Mb / 3P
   Well anti-shock and anti-vibration
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
   Small size and light weight. Heavy contact load (30A).
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
   Small size and light weight. Heavy contact load (30A)
NT73-2 DBLECTRO-NT73-2 Datasheet
300Kb / 2P
   Small size, light weight, heavy reverse power. / Low coil power consumption.
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com