Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2354AIDDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2354AIDDAR
Description  250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2354AIDDAR Datasheet(HTML) 5 Page - Texas Instruments

  OPA2354AIDDAR Datasheet HTML 1Page - Texas Instruments OPA2354AIDDAR Datasheet HTML 2Page - Texas Instruments OPA2354AIDDAR Datasheet HTML 3Page - Texas Instruments OPA2354AIDDAR Datasheet HTML 4Page - Texas Instruments OPA2354AIDDAR Datasheet HTML 5Page - Texas Instruments OPA2354AIDDAR Datasheet HTML 6Page - Texas Instruments OPA2354AIDDAR Datasheet HTML 7Page - Texas Instruments OPA2354AIDDAR Datasheet HTML 8Page - Texas Instruments OPA2354AIDDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA354
OPA2354
OPA4354
SBOS233D − MARCH 2002− REVISED FEBRUARY 2005
www.ti.com
5
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V Single-Supply (continued)
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25
°C, RF = 0Ω , RL = 1kΩ, and connected to VS/2, unless otherwise noted.
OPA354AI
OPA2354AI, OPA4354AI
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
OUTPUT
Voltage Output Swing from Rail
VS = +5V, RL = 1k
Ω, A
OL > 94dB
0.1
0.3
V
Specified Temperature Range
VS = +5V, RL = 1k
Ω, A
OL > 90dB
0.4
V
Output Current(1)(2), Single, Dual, Quad
IO
VS = +5V
100
mA
VS = +3V
50
mA
Closed-Loop Output Impedance
f < 100kHz
0.05
Open-Loop Output Resistance
RO
35
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Operating Voltage Range
2.5 to 5.5
V
Quiescent Current (per amplifier)
IQ
VS = +5V, Enabled, IO = 0
4.9
6
mA
Specified Temperature Range
7.5
mA
THERMAL SHUTDOWN
Junction Temperature
Shutdown
+160
°C
Reset from Shutdown
+140
°C
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+150
°C
Storage Range
−65
+150
°C
Thermal Resistance
q
JA
SOT23-5, MSOP-8
150
°C/W
TSSOP-14
100
°C/W
SO-14
100
°C/W
SO-8 PowerPAD
65
°C/W
(1) See typical characteristics Output Voltage Swing vs Output Current.
(2) Specified by design.


Similar Part No. - OPA2354AIDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354AIDDAR TI1-OPA2354AIDDAR Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA2354AIDDARG3 TI1-OPA2354AIDDARG3 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA2354AIDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com