Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV165 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV165
Description  8-bit parallel-in/serial-out shift register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV165 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV165 Datasheet HTML 1Page - NXP Semiconductors 74LV165 Datasheet HTML 2Page - NXP Semiconductors 74LV165 Datasheet HTML 3Page - NXP Semiconductors 74LV165 Datasheet HTML 4Page - NXP Semiconductors 74LV165 Datasheet HTML 5Page - NXP Semiconductors 74LV165 Datasheet HTML 6Page - NXP Semiconductors 74LV165 Datasheet HTML 7Page - NXP Semiconductors 74LV165 Datasheet HTML 8Page - NXP Semiconductors 74LV165 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74LV165
8-bit parallel-in/serial-out shift register
2
1998 May 07
853–1915 19349
FEATURES
Wide operating voltage: 1.0 to 5.5 V
Optimized for low voltage applications: 1.0 to 3.6 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
Tamb = 25°C
Asynchronous 8-bit parallel load
Synchronous serial input
Output capability: standard
I
CC category: MSI
DESCRIPTION
The 74LV165 is a low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT165.
The 74LV165 is an 8-bit parallel-load or serial-in shift register with
complementary serial outputs (Q7 and Q7) available from the last
stage. When the parallel load (PL) input is LOW, parallel data from the
D0 to D7 inputs are loaded into the register asynchronously. When PL
is HIGH, data enters the register serially at the DS input and shifts one
place to the right (Q0→Q1→Q2, etc.) with each positive-going clock
transition. This feature allows parallel-to-serial converter expansion by
tying the Q7 output to the DS input of the succeeding stage.
The clock input is a gated-OR structure which allows one input to be
used as an active LOW clock enable (CE) input. The pin assignment
for the CP and CE inputs is arbitrary and can be reversed for layout
convenience. The LOW-to-HIGH transition of input CE should only
take place while CP HIGH for predictable operation. Either the CP or
the CE should be HIGH before the LOW-to-HIGH transition of PL to
prevent shifting the data when PL is activated.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
CE, CP to Q7, Q7
PL to Q7, Q7
D7 to Q7, Q7
CL = 15 pF;
VCC = 3.3 V
18
18
14
ns
fmax
Maximum clock frequency
78
MHz
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
VCC = 3.3 V
VI = GND to VCC1
35
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV165 N
74LV165 N
SOT38-4
16-Pin Plastic SO
–40
°C to +125°C
74LV165 D
74LV165 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV165 DB
74LV165 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV165 PW
74LV165PW DH
SOT403-1
PIN CONFIGURATION
SV00585
1
2
3
4
5
6
PL
CP
D4
D5
D6
D7
V
CC
CE
D3
16
15
14
13
12
11
7
8
GND
DS
Q7
10
9
Q7
D2
D1
D0
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
PL
Asynchronous parallel load
input (active LOW)
2
CP
Clock input (LOW to
HIGH, edge-triggered)
7
Q7
Complementary output from
the last stage
8
GND
Ground (0 V)
9
Q7
Serial output from last stage
10
DS
Serial data input
11, 12, 13, 14, 3, 4, 5, 6
D0 to D7
Parallel data inputs
15
CE
Clock enable input
(active LOW)
16
VCC
Positive supply voltage


Similar Part No. - 74LV165

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV165 NEXPERIA-74LV165 Datasheet
278Kb / 16P
   8-bit parallel-in/serial-out shift register
Rev. 9 - 5 September 2022
74LV165-Q100 NEXPERIA-74LV165-Q100 Datasheet
777Kb / 19P
   8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165A PHILIPS-74LV165A Datasheet
102Kb / 18P
   8-bit parallel-in/serial-out shift register
2003 Jul 23
logo
Texas Instruments
74LV165A TI-74LV165A Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
logo
Nexperia B.V. All right...
74LV165A NEXPERIA-74LV165A Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
More results

Similar Description - 74LV165

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com