Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX3940 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX3940
Description  1A Low Dropout Voltage Regulator Fixed Output, Fast Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3940 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX3940 Datasheet HTML 1Page - Sipex Corporation SPX3940 Datasheet HTML 2Page - Sipex Corporation SPX3940 Datasheet HTML 3Page - Sipex Corporation SPX3940 Datasheet HTML 4Page - Sipex Corporation SPX3940 Datasheet HTML 5Page - Sipex Corporation SPX3940 Datasheet HTML 6Page - Sipex Corporation SPX3940 Datasheet HTML 7Page - Sipex Corporation SPX3940 Datasheet HTML 8Page - Sipex Corporation SPX3940 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Date: 5/25/04
SPX3940 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Line Regulation
Figure 3. Load Regulation
Figure 4. Ground Current vs Load Current
Figure 5. Ground Current vs Input Voltage
Reference
Thermal
Shutdown
IN
OUT
GND
O.V
I
LIMIT
28V
R1
R2
1.240V
+
-
Ibias
BLOCK DIAGRAM
3.310
3.305
3.300
3.295
3.290
3.285
3.280
3.3V Device
IL=4.3mA
CL=10µF
0
0.25
0.5
0.75
1
1.25
1.5
IL (A)
3.320
3.315
3.310
3.305
3.300
3.295
3.290
3.285
3.280
V
IN (V)
46
8
10
12
14
16
3.3V Device
IL = 10mA
CL = 10µF
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
00.25
0.5
0.75
1
1.25
1.5
IL (A)
3.3V Device
V
IN = 4.3V
CL = 10µF
100
95
90
85
80
75
70
-40
-20
0
20
40
60
80
100
120
V
IN (V)
3.3V Device
IL = 10 mA
CL = 10µF


Similar Part No. - SPX3940

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3940 EXAR-SPX3940 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-1-8 EXAR-SPX3940AM3-L-1-8 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-1-8TR EXAR-SPX3940AM3-L-1-8TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-2-5 EXAR-SPX3940AM3-L-2-5 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-2-5TR EXAR-SPX3940AM3-L-2-5TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
More results

Similar Description - SPX3940

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com