Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV164DB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LV164DB
Description  8-bit serial-in/parallel-out shift register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV164DB Datasheet(HTML) 4 Page - NXP Semiconductors

  74LV164DB Datasheet HTML 1Page - NXP Semiconductors 74LV164DB Datasheet HTML 2Page - NXP Semiconductors 74LV164DB Datasheet HTML 3Page - NXP Semiconductors 74LV164DB Datasheet HTML 4Page - NXP Semiconductors 74LV164DB Datasheet HTML 5Page - NXP Semiconductors 74LV164DB Datasheet HTML 6Page - NXP Semiconductors 74LV164DB Datasheet HTML 7Page - NXP Semiconductors 74LV164DB Datasheet HTML 8Page - NXP Semiconductors 74LV164DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74LV164
8-bit serial-in/parallel-out shift register
1998 May 07
4
FUNCTIONAL DIAGRAM
Q0
CP
Q1
Q2
Q3
MR
8-BIT SERIAL-IN/PARALLEL-OUT
SHIFT REGISTER
Q4
Q5
Q6
Q7
8
9
3
4
5
6
10
11
12
13
Dsa
Dsb
1
2
SV00384
FUNCTION TABLE
OPERATING
INPUTS
OUTPUTS
MODES
MR
CP
Dsa
Dsb
Q0
Q1 – Q7
Reset (clear)
L
X
x
x
L
L – L
Shift
H
H
H
H
l
l
h
h
l
h
l
h
L
L
L
H
q0 – q6
q0 – q6
q0 – q6
q0 – q6
H
= HIGH voltage level
h
= HIGH voltage level one set-up time prior to the
LOW-to-HIGH CP transition
L
= LOW voltage level
l
= LOW voltage level one set-up time prior to the
LOW-to-HIGH CP transition
q
= Lower case letter indicates the state of referenced input
one set-up time prior to the LOW-to-HIGH CP transition
= LOW-to-HIGH clock transition
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
±IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
±IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
±IO
DC output source or sink current
– standard outputs
–0.5V < VO < VCC + 0.5V
25
mA
±IGND,
±ICC
DC VCC or GND current for types with
–standard outputs
50
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic DIL
–plastic mini-pack (SO)
–plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCC
DC supply voltage
See Note 1
1.0
3.3
5.5
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free
air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTES:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.


Similar Part No. - 74LV164DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV164D NEXPERIA-74LV164D Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
74LV164D-Q100 NEXPERIA-74LV164D-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
More results

Similar Description - 74LV164DB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com