Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79928DDCTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS79928DDCTG4
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79928DDCTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79928DDCTG4 Datasheet HTML 3Page - Texas Instruments TPS79928DDCTG4 Datasheet HTML 4Page - Texas Instruments TPS79928DDCTG4 Datasheet HTML 5Page - Texas Instruments TPS79928DDCTG4 Datasheet HTML 6Page - Texas Instruments TPS79928DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS79928DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS79928DDCTG4 Datasheet HTML 9Page - Texas Instruments TPS79928DDCTG4 Datasheet HTML 10Page - Texas Instruments TPS79928DDCTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Frequency (Hz)
100k
1M
10M
I
OUT = 100mA
I
OUT = 1mA
I
OUT = 200mA
C
NR = 0.01µF
C
OUT = 2.2µF
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Frequency (Hz)
100k
1M
10M
I
OUT = 1mA
I
OUT = 100mA
I
OUT = 200mA
C
NR = 0.01µF
C
OUT = 2.2µF
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Frequency (Hz)
100k
1M
10M
I
OUT = 1mA
I
OUT = 200mA
C
NR = 0.01µF
C
OUT = 10.0µF
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Frequency (Hz)
100k
1M
10M
I
OUT = 1mA
I
OUT = 200mA
C
NR = 0.01µF
C
OUT = 10.0µF
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Frequency (Hz)
100k
1M
10M
I
OUT = 200mA
C
NR = None
C
OUT = 10.0µF
I
OUT = 1mA
90
80
70
60
50
40
30
20
10
0
0.0
1.0
1.5
0.5
2.0
2.5
V
IN − VOUT (V)
3.0
3.5
4.0
0.1kHz
10kHz
1kHz
100kHz
1MHz
C
NR = 0.01µF
C
OUT = 2.2µF
TPS799xx
SBVS056G – JANUARY 2005 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA, VEN = VIN,
COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS79901, VOUT = 3.0V. Typical values are at TJ = +25°C.
TPS799285 POWER-SUPPLY RIPPLE REJECTION vs
TPS799285 POWER-SUPPLY RIPPLE REJECTION vs
FREQUENCY (VIN – VOUT = 0.5V)
FREQUENCY (VIN – VOUT = 0.25V)
Figure 13.
Figure 14.
TPS799285 POWER-SUPPLY RIPPLE REJECTION vs
TPS799285 POWER-SUPPLY RIPPLE REJECTION vs
FREQUENCY (VIN – VOUT = 1.0V)
FREQUENCY (VIN – VOUT = 0.25V)
Figure 15.
Figure 16.
TPS799285 POWER-SUPPLY RIPPLE REJECTION vs
POWER-SUPPLY RIPPLE REJECTION vs
FREQUENCY (VIN – VOUT = 1.0V)
VIN – VOUT, IOUT = 1mA
Figure 17.
Figure 18.
7
Submit Documentation Feedback


Similar Part No. - TPS79928DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79928DDCTG4 TI-TPS79928DDCTG4 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79928DDCTG4 TI-TPS79928DDCTG4 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928DDCTG4 TI-TPS79928DDCTG4 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928DDCTG4 TI-TPS79928DDCTG4 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928DDCTG4 TI-TPS79928DDCTG4 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79928DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com