Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL15E Datasheet(PDF) 4 Page - Artesyn Technologies

Part # SIL15E
Description  3.0 Vin to 5.5 Vin Single output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL15E Datasheet(HTML) 4 Page - Artesyn Technologies

  SIL15E Datasheet HTML 1Page - Artesyn Technologies SIL15E Datasheet HTML 2Page - Artesyn Technologies SIL15E Datasheet HTML 3Page - Artesyn Technologies SIL15E Datasheet HTML 4Page - Artesyn Technologies SIL15E Datasheet HTML 5Page - Artesyn Technologies SIL15E Datasheet HTML 6Page - Artesyn Technologies SIL15E Datasheet HTML 7Page - Artesyn Technologies SIL15E Datasheet HTML 8Page - Artesyn Technologies SIL15E Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SXA10 Series
| 15W DC/DC
SIL15E Series
| 15 A DC-DC Converter
E Class Non-Isolated
4
Other Specifications
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Switching frequency
Fsw
300
kHz
Fixed frequency
Weight
5
g
EMC
Electromagnetic Compatibility
Phenomenon
Port
Standard
Test level
Criteria
Notes and conditions
Immunity:
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
ESD
Enclosure
EN61000-4-2
6kV contact
NP
As per ETS 300 386-1 table 5
8kV air
File Name :lf_sil15e_05.pdf Rev (03): 22 Dec 2005
Material Ratings
Characteristic - Signal Name Notes and Conditions
Flammability rating
UL94V-0
Safety Agency Approvals
Characteristic
Notes and Conditions
UL
UL60950
TÜV Product Services
EN60950, IEC60950
Model
Input
Output
Output Current
Typical
Max. Load
Number
Voltage
Voltage
(Max.)
Efficiency
Regulation
SIL15E-05S1V8-VJ
3.0 - 5.5VDC
1.8V
15A
89%
±1.0%
SIL15E-05S2V5-VJ
3.0 - 5.5VDC
2.5V
15A
92%
±1.0%
SIL15E-05S3V3-VJ
4.5 - 5.5VDC
3.3V
15A
94%
±1.0%
SIL15E-05W3V3-VJ
3.0 - 5.5VDC
0.8V - 3.63V
15A
94%
±1.0%
Model Numbers
RoHS Compliance Ordering Information
The ‘J’ at the end of the
part number
indicates that the
part is Pb-free
(RoHS 6/6 compliant). TSE RoHS 5/6
(non Pb-free) compliant versions may
be available on special request, please
contact your local sales representative
for details.


Similar Part No. - SIL15E

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL15E EMERSON-NETWORKPOWER-SIL15E Datasheet
92Kb / 3P
   DC/DC CONVERTERS E Class Non-isolated
logo
Advanced Energy Industr...
SIL15E ADVANCEDENERGY-SIL15E Datasheet
333Kb / 5P
   Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SIL15E-05S1V8-HJ ARTESYN-SIL15E-05S1V8-HJ Datasheet
393Kb / 4P
   Embedded Power for Business-Critical Continuity
SIL15E-05S1V8-VJ ARTESYN-SIL15E-05S1V8-VJ Datasheet
393Kb / 4P
   Embedded Power for Business-Critical Continuity
SIL15E-05S1V8-VJ ARTESYN-SIL15E-05S1V8-VJ_10 Datasheet
393Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - SIL15E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
   3.0 Vin to 5.5 Vin Single output
logo
Emerson Network Power
SIL10E-05S0V8-VJ EMERSON-NETWORKPOWER-SIL10E-05S0V8-VJ Datasheet
672Kb / 4P
   3.0 Vin - 5.5 Vin
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
   0.75 Vin to 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
   0.8 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
   0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
   3.3 Vin and 5 Vin single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
   5 Vin and 12 Vin single output
logo
Artesyn Technologies
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
   12 Vin single output
logo
Emerson Network Power
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
   12 Vin single output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com