Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX3940AM3-5.0 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX3940AM3-5.0
Description  1A Low Dropout Voltage Regulator Fixed Output, Fast Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3940AM3-5.0 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX3940AM3-5.0 Datasheet HTML 3Page - Sipex Corporation SPX3940AM3-5.0 Datasheet HTML 4Page - Sipex Corporation SPX3940AM3-5.0 Datasheet HTML 5Page - Sipex Corporation SPX3940AM3-5.0 Datasheet HTML 6Page - Sipex Corporation SPX3940AM3-5.0 Datasheet HTML 7Page - Sipex Corporation SPX3940AM3-5.0 Datasheet HTML 8Page - Sipex Corporation SPX3940AM3-5.0 Datasheet HTML 9Page - Sipex Corporation SPX3940AM3-5.0 Datasheet HTML 10Page - Sipex Corporation SPX3940AM3-5.0 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Date: 5/25/04
SPX3940 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: TO-263
E
D
L1
b2
e
b
.160
-
.190
.000
-
.010
Dimensions in inches
3-PIN TO-263
JEDEC TO-263
(AA) Variation
.020
-
.039
.015
-
.029
.070
-
.110
-
-
-
A
A1
b
c
D
E
E1
L
L1
L2
MIN
NOM
MAX
e
.100 BSC
.066
-
.330
-
.380
D1
.270
-
-
.380
-
.420
.245
-
-
H
.575
-
.625
.070
L3
.010 BSC
12
3
c
C2
A
H
SEATING PLANE
L
0º-8º
See View C
E/2
View C
GAUGE PLANE
A1
SEATING
PLANE
c
WITH PLATING
BASE METAL
b
SECTION B-B
B
B
3 PIN TO-263


Similar Part No. - SPX3940AM3-5.0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3940AM3-L-1-8 EXAR-SPX3940AM3-L-1-8 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-1-8TR EXAR-SPX3940AM3-L-1-8TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-2-5 EXAR-SPX3940AM3-L-2-5 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-2-5TR EXAR-SPX3940AM3-L-2-5TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-3-3 EXAR-SPX3940AM3-L-3-3 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
More results

Similar Description - SPX3940AM3-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com