Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV240N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV240N
Description  Octal buffer/line driver; inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV240N Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV240N Datasheet HTML 1Page - NXP Semiconductors 74LV240N Datasheet HTML 2Page - NXP Semiconductors 74LV240N Datasheet HTML 3Page - NXP Semiconductors 74LV240N Datasheet HTML 4Page - NXP Semiconductors 74LV240N Datasheet HTML 5Page - NXP Semiconductors 74LV240N Datasheet HTML 6Page - NXP Semiconductors 74LV240N Datasheet HTML 7Page - NXP Semiconductors 74LV240N Datasheet HTML 8Page - NXP Semiconductors 74LV240N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV240
Octal buffer/line driver; inverting (3-State)
1998 May 20
3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
1OE
Output enable input (active LOW)
2, 4, 6, 8
1A0 to 1A3 Data inputs
3, 5, 7, 9
2Y0 to 2Y3 Bus outputs
10
GND
Ground (0 V)
17, 15, 13, 11
2A0 to 2A3
Data inputs
18, 16, 14, 12
1Y0 to 1Y3
Bus outputs
19
2OE
Output enable input (active LOW)
20
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
SV00611
18
16
14
12
2
4
6
8
EN
1
9
7
5
3
11
13
15
17
EN
19
FUNCTIONAL DIAGRAM
SV00610
2Y 0 3
2Y 1 5
2Y 2 7
2Y 3 9
2A 0
17
2A 1
15
2A 2
13
2A 3
11
2OE
19
1Y 0 18
1Y 1 16
1Y 2 14
1Y 3 12
1A 0
2
1A 1
4
1A 2
6
1A 3
8
1OE
1
FUNCTION TABLE
INPUTS
OUTPUT
nOE
nAn
nYn
L
L
H
L
H
L
H
X
Z
NOTES:
H =
HIGH voltage level
L
=
LOW voltage level
X =
don’t care
Z =
high impedance OFF-state


Similar Part No. - 74LV240N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV241 PHILIPS-74LV241 Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
74LV241D PHILIPS-74LV241D Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
74LV241DB PHILIPS-74LV241DB Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
74LV241N PHILIPS-74LV241N Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
74LV241PW PHILIPS-74LV241PW Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
More results

Similar Description - 74LV240N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
   Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
   Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com