Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN3331 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PTN3331
Description  High speed differential line driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3331 Datasheet(HTML) 4 Page - NXP Semiconductors

  PTN3331 Datasheet HTML 1Page - NXP Semiconductors PTN3331 Datasheet HTML 2Page - NXP Semiconductors PTN3331 Datasheet HTML 3Page - NXP Semiconductors PTN3331 Datasheet HTML 4Page - NXP Semiconductors PTN3331 Datasheet HTML 5Page - NXP Semiconductors PTN3331 Datasheet HTML 6Page - NXP Semiconductors PTN3331 Datasheet HTML 7Page - NXP Semiconductors PTN3331 Datasheet HTML 8Page - NXP Semiconductors PTN3331 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
PTN3331
High speed differential line driver
Product data
Rev. 01 — 06 August 2002
4 of 14
9397 750 08339
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
7.
Functional description
7.1 Function table
8.
Limiting values
[1]
Values beyond absolute maximum ratings can cause the device to be prematurely damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
9.
Recommended operating conditions
Table 3:
Function table
H = HIGH level; L = LOW level; X = irrelevant; Z = high impedance.
Input
Enables
Outputs
A
G
G
Y
Z
HHX
HL
LH
X
L
H
HX
L
H
L
LX
LLH
XL
H
Z
Z
Open
H
X
L
H
Open
X
L
L
H
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Min
Max
Unit
VCC
supply voltage
−0.5
4.0
V
VI
input voltage
−0.5
VCC + 0.5
V
short circuit duration
Continuous
sec
Tamb
operating ambient temperature range
−40
+85
°C
Tj
operating junction temperature
−40
+150
°C
Tstg
storage temperature range
−65
+150
°C
ESD
>2
-
kV
Table 5:
Recommended operating conditions
Symbol
Parameter
Min
Nom
Max
Unit
VCC
supply voltage
3
3.3
3.6
V
VIH
HIGH-level input voltage
2
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V


Similar Part No. - PTN3331

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
PTN3332D PHILIPS-PTN3332D Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
PTN3332DH PHILIPS-PTN3332DH Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
More results

Similar Description - PTN3331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com