Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA2301D Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMA2301D
Description  Surface Mount Micromachined Accelerometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA2301D Datasheet(HTML) 1 Page - Motorola, Inc

  MMA2301D Datasheet HTML 1Page - Motorola, Inc MMA2301D Datasheet HTML 2Page - Motorola, Inc MMA2301D Datasheet HTML 3Page - Motorola, Inc MMA2301D Datasheet HTML 4Page - Motorola, Inc MMA2301D Datasheet HTML 5Page - Motorola, Inc MMA2301D Datasheet HTML 6Page - Motorola, Inc MMA2301D Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MMA2301D
Rev. 2, 06/2004
© Motorola, Inc. 2004
REV 2
Surface Mount Micromachined
Accelerometer
The MMA series of silicon capacitive, micromachined accelerometers features
signal conditioning, a four-pole low pass filter and temperature compensation.
Zero-g offset full scale span and filter cut-off are factory set and require no external
devices. A full system self-test capability verifies system functionality.
Features
Integral Signal Conditioning
Linear Output
Ratiometric Performance
Fourth Order Bessel Filter Preserves Pulse Shape Integrity
Calibrated Self-test
Low Voltage Detect, Clock Monitor, and EPROM Parity Check Status
Transducer Hermetically Sealed at Wafer Level for Superior Reliability
Robust Design, High Shocks Survivability
Typical Applications
Vibration Monitoring and Recording
Impact Monitoring
ORDERING INFORMATION
Figure 1. Simplified Accelerometer Functional Block Diagram
Device
Temperature
Range
Package
MMA2301D
– 40 to +125°C
SOIC-16
MMA2301DR2
– 40 to +125°C
SOIC-16, Tape & Reel
MMA2301D
16 LEAD SOIC
CASE 475-01
MMA2301D: X-AXIS SENSITIVITY
MICROMACHINED
ACCELEROMETER
±200g
PIN ASSIGNMENT
N/C
N/C
N/C
ST
VOUT
STATUS
VSS
VDD
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
G-Cell
Sensor
In
tegrator
Gain
Filter
Temp
S
elf-Test
Control Logic &
EPROM
Trim Circuits
Clock
Gen.
Oscillator
VDD
VOUT
VSS
ST
Status
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MMA2301D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA2301D FREESCALE-MMA2301D Datasheet
273Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA2301DR2 FREESCALE-MMA2301DR2 Datasheet
273Kb / 10P
   Surface Mount Micromachined Accelerometer
More results

Similar Description - MMA2301D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA1211 FREESCALE-MMA1211 Datasheet
288Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA1213 FREESCALE-MMA1213 Datasheet
288Kb / 10P
   Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
   Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
MMA2301KEG NXP-MMA2301KEG Datasheet
166Kb / 11P
   Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA3202KEG NXP-MMA3202KEG Datasheet
181Kb / 11P
   Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
logo
Freescale Semiconductor...
MMA3204KEG FREESCALE-MMA3204KEG Datasheet
152Kb / 10P
   Surface Mount Micromachined Accelerometer
logo
Motorola, Inc
MMA2201 MOTOROLA-MMA2201 Datasheet
99Kb / 8P
   Surface Mount Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA3201KEG-12 FREESCALE-MMA3201KEG-12 Datasheet
117Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3221KEG FREESCALE-MMA3221KEG Datasheet
139Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3202D FREESCALE-MMA3202D Datasheet
221Kb / 12P
   Surface Mount Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com