Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT75-1CZ16DC9V0.415.0 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NT75-1CZ16DC9V0.415.0
Description  Low coil consumption. / Switching capacity up to 16A.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT75-1CZ16DC9V0.415.0 Datasheet(HTML) 1 Page - DB Lectro Inc

  NT75-1CZ16DC9V0.415.0 Datasheet HTML 1Page - DB Lectro Inc NT75-1CZ16DC9V0.415.0 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight.
Low coil consumption.
Switching capacity up to 16A.
PC board mounting.
Suitable
for
household
electrical
appliance,
automation
system,
electrical
equipment,
instrument,
meter
telecommunication facilities and remote control facilities.
Ordering Information
NT75-1
C
S
12
DC12V
0.72
3.5
1
2
3
4
5
6
7
1 Part number:NT75-1、NT75-2
2 Contact arrangement:NT75-1:A:1A;C:1C
NT75-2:2A:2A;2C:2C
3 Enclosure:S: Sealed type;Z: Dust cover
4 Contact rating:1A,1C:12A/250VAC 30VDC;
1A,1C(0.72W):16A/250VAC 30VDC;
2A,2C(0.41W):8A/250VAC 30VDC
5 Coil rated Voltage(V):DC:5,6,9,12,24,48
6 Coil power consumption:0.25:0.25W;0.41:0.41W;0.72:0.72W
7 Pole-distance:3.5:3.5mm;5.0:5.0mm
Contact Data
Contact Arrangement
1A
SPSTNO
f1C SPDT(B-M)f2A DPSTNO f2C DPDT(B-M)
Contact Material
Ag CdO
Ag SnO
2 In2O3
Contact Rating (resistive)
1A,1C;12A/250VAC,30VDC;
1A,1C(0.72W):16A/250VAC, 30VDC
2A,2C:8A/250VAC,30VDC
Max. Switching Power
480W
4000VA
2C:2
y150W 2y1250VA
Max. Switching Voltage
60VDC 380VAC
Max. Switching Current:16A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
tem 3.31 of IEC255-7
Coil Parameter
Coil
voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(70%of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
Ms
005-250
5
6.5
100
3.5
0.5
006-250
6
7.8
144
4.2
0.6
009-250
9
11.7
324
6.3
0.9
012-250
12
15.6
576
8.4
1.2
024-250
24
31.2
2304
16.8
2.4
048-250
48
62.4
9216
33.6
4.8
060-250
60
78
12857
42
6.0
0.25
10
5
005-410
5
6.5
61
3.5
0.5
006-410
6
7.8
88
4.2
0.6
009-410
9
11.7
198
6.3
0.9
012-410
12
15.6
351
8.4
1.2
024-410
24
31.2
1405
16.8
2.4
048-410
48
62.4
5620
33.6
4.8
060-410
60
78
7500/
x15%
42
6.0
110-410
110
143
25200/
x15%
77
11.0
0.41
10
5
005-720
5
6.5
34.7
3.5
0.5
006-720
6
7.8
50
4.2
0.6
009-720
9
11.7
112.5
6.3
0.9
012-720
12
15.6
200
8.4
1.2
024-720
24
31.2
800
16.8
2.4
048-720
48
62.4
3200
33.6
4.8
0.72
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
85
N T 75- 1 & NT75- 2
28.5
×12.5×15 (29×12.7×15.7)
R2033977.02
on Pending
Patent No. 98324524X
98324532.1
E9930952E01
www.dblectro.com


Similar Part No. - NT75-1CZ16DC9V0.415.0

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NT75-1C HUAXINAN-NT75-1C Datasheet
421Kb / 1P
   Small size, light weight
More results

Similar Description - NT75-1CZ16DC9V0.415.0

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
NG5N DBLECTRO-NG5N Datasheet
98Kb / 2P
   Switching capacity up to 5A. / Low coil power consumption 0.2W.
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
   Switching capacity up to 16A.
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
   Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
   Switching capacity 16A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com