Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV244N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV244N
Description  Octal buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV244N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV244N Datasheet HTML 2Page - NXP Semiconductors 74LV244N Datasheet HTML 3Page - NXP Semiconductors 74LV244N Datasheet HTML 4Page - NXP Semiconductors 74LV244N Datasheet HTML 5Page - NXP Semiconductors 74LV244N Datasheet HTML 6Page - NXP Semiconductors 74LV244N Datasheet HTML 7Page - NXP Semiconductors 74LV244N Datasheet HTML 8Page - NXP Semiconductors 74LV244N Datasheet HTML 9Page - NXP Semiconductors 74LV244N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV244
Octal buffer/line driver (3-State)
1998 May 20
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL =1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
50
Propagation delay
2.0
17
24
31
tPHL/tPLH
Pro agation delay
1An to 1Yn;
2A to 2Y
Figures 1, 2
2.7
13
17
23
ns
2An to 2Yn
3.0 to 3.6
92
14
18
4.5 to 5.5
12
15
1.2
65
3-State output enable time
2.0
22
39
49
tPZH/tPZL
3-State out ut enable time
1OE to 1Yn;
2OE to 2Y
Figures 2, 3
2.7
16
29
36
ns
2OE to 2Yn
3.0 to 3.6
122
23
29
4.5 to 5.5
19
24
1.2
60
3-State output disable time
2.0
22
34
43
tPHZ/tPLZ
3-State out ut disable time
1OE to 1Yn;
2OE to 2Y
Figures 2, 3
2.7
17
24
32
ns
2OE to 2Yn
3.0 to 3.6
132
21
26
4.5 to 5.5
16
19
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C.
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V and ≤ 3.6 V
VM = 0.5 × VCC at VCC < 2.7 V and ≥ 4.5 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3 V at VCC ≥ 2.7 V and ≤ 3.6 V
VX = VOL + 0.1 × VCC at VCC < 2.7 V and ≥ 4.5 V
VY = VOH – 0.3 V at VCC ≥ 2.7V and ≤ 3.6 V
VY = VOH – 0.1 × VCC at VCC < 2.7 V and ≥ 4.5 V
SV00617
VM
1An, 2An
INPUTS
1Yn, 2Yn
OUTPUT
VM
tPLH
tPHL
GND
VOL
VI
VOH
Figure 1. Input (1An, 2An) to output (1Yn, 2Yn)
propagation delays.
SV00623
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
HIGH-to-OFF
OFF-to-HIGH
LOW-to-OFF
OFF-to-LOW
VM
VM
OE INPUT
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
Qn OUTPUT
Qn OUTPUT
Figure 2. 3-State enable and disable times.


Similar Part No. - 74LV244N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV244 NEXPERIA-74LV244 Datasheet
235Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 5 - 24 September 2021
74LV244-Q100 NEXPERIA-74LV244-Q100 Datasheet
729Kb / 14P
   Octal buffer/line driver (3-state)
logo
Texas Instruments
74LV244A TI-74LV244A Datasheet
697Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LV244A NEXPERIA-74LV244A Datasheet
739Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 1 - 23 November 2016
74LV244APW NEXPERIA-74LV244APW Datasheet
739Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 1 - 23 November 2016
More results

Similar Description - 74LV244N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com