Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL40C-12SADJ-HJ Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL40C-12SADJ-HJ
Description  DC-DC CONVERTERS C Class Non-isolated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL40C-12SADJ-HJ Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL40C-12SADJ-HJ Datasheet HTML 1Page - Artesyn Technologies SIL40C-12SADJ-HJ Datasheet HTML 2Page - Artesyn Technologies SIL40C-12SADJ-HJ Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL40C Series
12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
2
NEW Product
File Name: sil40c.pdf Rev (04): 16 Dec 2005
N
No
otte
es
s
1
Measured as per recommended set-up. 2 x Cin = 270 µF (20 m
esr max, 3 x Cout = 680 µF (10 m
esr max).
2
di/dt = 10 A/µs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo max.
to 0.75 lo max. and 0.75 lo max. to 0.50 lo max.
3
External input fusing is recommended.
4
Measured with external filter. See Application Note 132 for details.
5
Uses external resistor from trim pin to output ground. See
Application Note 132 for details.
6
Signal line assumed <3 m in length
7
This product is only for inclusion by professional installers within
other equipment and must not be operated as a stand alone
product.
8
The standard unit with the suffix '-V' is for vertical mounting. To
order a unit with horizontal mounting, please add the suffix '-H' to
the model number, e.g. SIL40C-12SADJ-HJ.
9
Power-up is the time from application of dc input to Power Good
enabled. Remote ON/OFF is from ON/OFF asserted high to power
good enabled.
10 See Application Note 132 for operation above 50 ºC.
11 See Application Note 132 for ripple current requirements.
12 These models have a wide trim output. The unit has an output of
0.9 Vdc to 5 Vdc. An external resistor adjusts the output voltage.
13 To order a unit with a pin length of 0.150”, please add suffix ‘P4’ to
the model number, e.g. SIL40C-12SADJ-HP4J.
14 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for
details.
15 NOTICE: Some models do not support all options. Please contact
your local Artesyn representative or use the on-line model number
search tool at http://www.artesyn.com/powergroup/products.htm to
find a suitable alternative.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(12)
CURRENT
CURRENT
LINE
LOAD
NUMBER
(8,13,14,15)
(MAX.)
(MIN.)
(MAX.)
200 W
10.2-13.8 Vdc
N/A
0.9-5.0 Vdc
0 A
40 A
92%
±0.2%
±1.5%
SIL40C-12SADJ-VJ
SIL40C-12SADJ-VJ
Part Number System with Options
Rated Output Current
40 = 40 Amps
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SIL = Single in Line
Performance
C = Cost Optimized
Input Voltage
12 = 10.2 Vdc to 13.8 Vdc
Mounting Option
V = Vertical Mount
H = Horizontal Mount
Packaging Options
J = Pb-free (RoHS 6/6 compliant) (14)
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL40C-12SADJ series. It is no longer necessary to purchase a
variety of modules in order to cover different output voltages. The output
voltage can be trimmed in a range of 0.9 Vdc to 5.0 Vdc When the SIL40C-
12SADJ series converter leaves the factory the output has been adjusted to
the default voltage of 0.9 V
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SIIL
L4
40
0C
C--1
12
2S
SA
AD
DJ
J S
Se
erriie
es
s


Similar Part No. - SIL40C-12SADJ-HJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL40C-12SADJ-VJ EMERSON-NETWORKPOWER-SIL40C-12SADJ-VJ Datasheet
214Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL40C-12SADJ-HJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com