Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931 Datasheet(PDF) 4 Page - Motorola, Inc

Part # LM2931
Description  Low Dropout Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2931 Datasheet(HTML) 4 Page - Motorola, Inc

  LM2931 Datasheet HTML 1Page - Motorola, Inc LM2931 Datasheet HTML 2Page - Motorola, Inc LM2931 Datasheet HTML 3Page - Motorola, Inc LM2931 Datasheet HTML 4Page - Motorola, Inc LM2931 Datasheet HTML 5Page - Motorola, Inc LM2931 Datasheet HTML 6Page - Motorola, Inc LM2931 Datasheet HTML 7Page - Motorola, Inc LM2931 Datasheet HTML 8Page - Motorola, Inc LM2931 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM2931 Series
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 µF, CO(ESR) = 0.3 Ω, TJ = 25°C [Note 1].)
Ch
i i
Sb l
LM2931–5.0
LM2931A–5.0
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
FIXED OUTPUT
Ripple Rejection (f = 120 Hz)
RR
60
90
60
90
dB
Dropout Voltage
VI–VO
V
IO = 10 mA
0.015
0.2
0.015
0.2
IO = 100 mA
0.16
0.6
0.16
0.6
Over–Voltage Shutdown Threshold
Vth(OV)
26
29.5
40
26
29.5
40
V
Output Voltage with Reverse Polarity Input (Vin = –15 V)
–VO
– 0.3
0
– 0.3
0
V
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 µF, CO(ESR) = 0.3 Ω, TJ = 25°C [Note 1].)
LM2931C
LM2931AC
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Typ
Unit
ADJUSTABLE OUTPUT
Reference Voltage (Note 2, Figure 18)
Vref
V
IO = 10 mA, TJ = 25°C
1.14
1.20
1.26
1.17
1.20
1.23
IO ≤ 100 mA, TJ = – 40 to +125°C
1.08
1.32
1.15
1.25
Output Voltage Range
VOrange
3.0 to
24
2.7 to
29.5
3.0 to
24
2.7 to
29.5
V
Line Regulation (Vin = VO + 0.6 V to 26 V)
Regline
0.2
1.5
0.2
1.5
mV/V
Load Regulation (IO = 5.0 mA to 100 mA)
Regload
0.3
1.0
0.3
1.0
%/V
Output Impedance
ZO
m
Ω/V
IO = 10 mA, ∆IO = 1.0 mA, f = 10 Hz to 10 kHz
40
40
Bias Current
IB
mA
IO = 100 mA
6.0
6.0
IO = 10 mA
0.4
1.0
0.4
1.0
Output Inhibited (Vth(OI) = 2.5 V)
0.2
1.0
0.2
1.0
Adjustment Pin Current
IAdj
0.2
0.2
µA
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
140
140
µVrms/V
Long–Term Stability
S
0.4
0.4
%/kHR
Ripple Rejection (f = 120 Hz)
RR
0.10
0.003
0.10
0.003
%/V
Dropout Voltage
VI–VO
V
IO = 10 mA
0.015
0.2
0.015
0.2
IO = 100 mA
0.16
0.6
0.16
0.6
Over–Voltage Shutdown Threshold
Vth(OV)
26
29.5
40
26
29.5
40
V
Output Voltage with Reverse Polarity Input (Vin = –15 V)
–VO
– 0.3
0
–0.3
0
V
Output Inhibit Threshold Voltages
Vth(OI)
V
Output “On”:
TJ = 25°C
2.15
1.90
2.15
1.90
TJ = – 40° to +125°C
1.20
1.20
Output “Off”:
TJ = 25°C
2.50
2.26
2.50
2.26
TJ = – 40° to +125°C
3.25
3.25
Output Inhibit Threshold Current (Vth(OI) = 2.5 V)
Ith(OI)
30
50
30
50
µA
NOTES: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. The reference voltage on the adjustable device is measured from the output to the adjust pin across R1.


Similar Part No. - LM2931

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931 ONSEMI-LM2931 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
logo
HTC Korea TAEJIN Techno...
LM2931 HTC-LM2931 Datasheet
99Kb / 2P
   0.1A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LM2931

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com