Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT05E Datasheet(PDF) 9 Page - Artesyn Technologies

Part # SMT05E
Description  0.75 Vin to 3.63 Vin Single output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT05E Datasheet(HTML) 9 Page - Artesyn Technologies

Back Button SMT05E Datasheet HTML 5Page - Artesyn Technologies SMT05E Datasheet HTML 6Page - Artesyn Technologies SMT05E Datasheet HTML 7Page - Artesyn Technologies SMT05E Datasheet HTML 8Page - Artesyn Technologies SMT05E Datasheet HTML 9Page - Artesyn Technologies SMT05E Datasheet HTML 10Page - Artesyn Technologies SMT05E Datasheet HTML 11Page - Artesyn Technologies SMT05E Datasheet HTML 12Page - Artesyn Technologies SMT05E Datasheet HTML 13Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SMT05E Series
| 5 A DC-DC Converter
9
www.artesyn.com
E Class Non-Isolated
File Name: lf_smt05e_05.pdf Rev (02): 23 Dec 2005
S1V5 Model
Figure 5: Control On/Off Characteristic
(Channel 1 Remote ON/OFF: , Channel 2: Vo)
1
2
3
4
5
85
87
89
91
93
OUTPUT CURRENT (A)
Low Line
Nom Line
High Line
3.0
3.5
4.9
4.5
5.0
5.5
86.0
86.5
87.0
87.5
88.0
INPUT VOLTAGE (V)
Figure 6: Typical Transient Response 50% - 100%
Step Load Change (Channel 1: Vo, Channel 4: Io)
Figure 1: Derating Curve (Vo = 3.3 V)
15
25
35
45
55
65
75
85
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
AMBIENT TEMPERATURE (ºC)
0 m/s (0 LFM)
0.5 m/s (100 LFM)
1 m/s (200 LFM)
1.5 m/s (300 LFM)
2 m/s (400 LFM)
Figure 2: Efficiency vs Line (Vo = 3.3 V)
Figure 3: Efficiency vs Load (Vo = 3.3 V)
Figure 4: Typical Power-up Characteristic
(Channel 1: Vin, Channel 2: Vo)


Similar Part No. - SMT05E

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT05E EMERSON-NETWORKPOWER-SMT05E Datasheet
237Kb / 4P
   non-isolated dc-dc converters
logo
Advanced Energy Industr...
SMT05E ADVANCEDENERGY-SMT05E Datasheet
342Kb / 5P
   12 V Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
SMT05E-12W3V3J ARTESYN-SMT05E-12W3V3J Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
logo
Emerson Network Power
SMT05E-12W3V3J EMERSON-NETWORKPOWER-SMT05E-12W3V3J Datasheet
237Kb / 4P
   non-isolated dc-dc converters
More results

Similar Description - SMT05E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
   0.75 Vin to 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
   0.8 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
   3.0 Vin to 5.5 Vin Single output
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
   3.0 Vin to 5.5 Vin Single output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
   3.3 Vin and 5 Vin single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
   5 Vin and 12 Vin single output
logo
Artesyn Technologies
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
   12 Vin single output
logo
Emerson Network Power
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
   12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
   12 Vin Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com